Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 63 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 63 Page - NEC

Back Button VR4102 Datasheet HTML 59Page - NEC VR4102 Datasheet HTML 60Page - NEC VR4102 Datasheet HTML 61Page - NEC VR4102 Datasheet HTML 62Page - NEC VR4102 Datasheet HTML 63Page - NEC VR4102 Datasheet HTML 64Page - NEC VR4102 Datasheet HTML 65Page - NEC VR4102 Datasheet HTML 66Page - NEC VR4102 Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
63
2.2.1 System Bus Interface Signals
These signals are used when the VR4102 is connected to a DRAM, ROM, or LCD, or other devices in the system
through the system bus.
Table 2-1. System Bus Interface Signals (1/2)
Signal
I/O
Description of function
ADD[25..0]
O
This is a 26-bit address bus. The VR4102 uses this to specify addresses for the DRAM, ROM, LCD, or
system bus (ISA).
DATA[15..0]
I/O
This is a 16-bit data bus. The VR4102 uses this to transmit and receive data with a DRAM, ROM, LCD,
or system bus.
DATA[31..16]/
GPIO[31..16]
I/O
This function differs depending on how the DBUS32 pin is set.
<When DBUS32 = 1> : DATA[31..16]
It is the high-order 16 bits of the 32-bit data bus.
This bus is used for transmitting and receiving data between the VR4102 and the DRAM and ROM.
<When DBUS32 = 0> : GPIO[31..16]
It is a general-purpose I/O (GPIO) port.
LCDCS#
O
This is the LCD chip select signal. This signal is active when the VR4102 is performing LCD access
using the ADD/DATA bus.
RD#
O
This is active when the VR4102 is reading data from the LCD, RAM, or ROM.
WR#
O
This is active when the VR4102 is writing data to the LCD, RAM, or ROM.
LCDRDY
I
This is the LCD ready signal. Set this signal as active when the LCD controller is ready to receive
access from the VR4102.
ROMCS[3..0]#
O
This is the ROM chip select signal. It is used to select a ROM to be accessed from among up to four
connected ROM units.
UUCAS#/
MRAS[3]#
O
This function differs depending on how the DBUS32 pin is set.
<When DBUS32 = 1> : UUCAS#
This signal is active when a valid column address is output via the ADD bus during access of
DATA[31:24] in the 32-bit data bus.
<When DBUS32 = 0> : MRAS[3]#
This is the DRAM’s RAS signal. Up to four DRAM units can be connected, and this signal is active
when a valid row address is output via the ADD bus for the DRAM connected to the high-order
address.
ULCAS#/
MRAS[2]#
O
This function differs depending on how the DBUS32 pin is set.
<When DBUS32 = 1> ULCAS#
This signal is active when a valid column address is output via the ADD bus during access of
DATA[23:16] in the 32-bit data bus.
<When DBUS32 = 0> MRAS[2]#
This is the DRAM’s RAS signal. This signal is active when a valid row address is output via the ADD
bus for the DRAM connected to the next-highest address after the highest high-order address.
MRAS[1..0]#
O
This is the DRAM’s RAS signal.
UCAS#
O
This is the DRAM’s CAS signal. This signal is active when a valid column address is output via the
ADD bus during access of DATA[15:8] in the DRAM.
LCAS#
O
This is the DRAM’s CAS signal. This signal is active when a valid column address is output via the
ADD bus during access of DATA[7:0] in the DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com