Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 102 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 102 Page - NEC

Back Button VR4102 Datasheet HTML 98Page - NEC VR4102 Datasheet HTML 99Page - NEC VR4102 Datasheet HTML 100Page - NEC VR4102 Datasheet HTML 101Page - NEC VR4102 Datasheet HTML 102Page - NEC VR4102 Datasheet HTML 103Page - NEC VR4102 Datasheet HTML 104Page - NEC VR4102 Datasheet HTML 105Page - NEC VR4102 Datasheet HTML 106Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 701 page
background image
CHAPTER 4 VR4102 PIPELINE
102
4.2 BRANCH DELAY
During a VR4102’s pipeline operation, a one-cycle branch delay occurs when:
x Target address is calculated by a Jump instruction
x Branch condition of branch instruction is met and then logical operation starts for branch-destination
comparison
The instruction address generated at the EX stage in the Jump/Branch instruction are available in the IF stage,
two instructions later.
Figure 4-4 illustrates the branch delay and the location of the branch delay slot.
Figure 4-4. Branch Delay
Branch delay
(Branch delay slot)
Target
Branch
PCycle
IF
RF
EX
DC
WB
IF
RF
EX
DC
WB
IF
RF
EX
DC
WB
4.3 LOAD DELAY
A load instruction that does not allow its result to be used by the instruction immediately following is called a
delayed load instruction. The instruction immediately following this delayed load instruction is referred to as the load
delay slot.
In the VR4102, the instruction immediately following a load instruction can use the contents of the loaded register,
however in such cases hardware interlocks insert additional delay cycles. Consequently, scheduling load delay slots
can be desirable, both for performance and VR-Series processor compatibility.
4.4 PIPELINE OPERATION
The operation of the pipeline is illustrated by the following examples that describe how typical instructions are
executed. The instructions described are: ADD, JALR, BEQ, TLT, LW, and SW. Each instruction is taken through
the pipeline and the operations that occur in each relevant stage are described.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com