Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 104 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 104 Page - NEC

Back Button VR4102 Datasheet HTML 100Page - NEC VR4102 Datasheet HTML 101Page - NEC VR4102 Datasheet HTML 102Page - NEC VR4102 Datasheet HTML 103Page - NEC VR4102 Datasheet HTML 104Page - NEC VR4102 Datasheet HTML 105Page - NEC VR4102 Datasheet HTML 106Page - NEC VR4102 Datasheet HTML 107Page - NEC VR4102 Datasheet HTML 108Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 701 page
background image
CHAPTER 4 VR4102 PIPELINE
104
(2) Jump and Link Register instruction (JALR rd, rs)
IF stage
Same as the IF stage for the ADD instruction.
RF stage
A register specified in the rs field is read from the file during
)2 at the RF stage, and the value
read from the rs register is input to the virtual PC latch synchronously. This value is used to fetch
an instruction at the jump destination. The value of the virtual PC incremented during the IF stage
is incremented again to produce the link address PC + 8 where PC is the address of the JALR
instruction. The resulting value is the PC to which the program will eventually return. This value is
placed in the Link output latch of the Instruction Address unit.
EX stage
The PC + 8 value is moved from the Link output latch to the output latch of the EX stage.
DC stage
The PC + 8 value is moved from the output latch of the EX stage to the output latch of the DC
stage.
WB stage
Refer to the ADD instruction. Note that if no value is explicitly provided for rd then register 31 is
used as the default. If rd is explicitly specified, it cannot be the same register addressed by rs; if it
is, the result of executing such an instruction is undefined.
Figure 4-6. JALR Instruction Pipeline Activities
IF1
Cycle
Phase
PCycle
PClock
IF2
)2
)1
)2
)1
)2
)1
)2
)1
)2
)1
RF1
RF2
EX1
EX2
DC1
DC2
WB1
WB2
ITLB
IDC
ITC
ICA
IDEC
WB
EX
BAC
RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com