Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 103 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 103 Page - NEC

Back Button VR4102 Datasheet HTML 99Page - NEC VR4102 Datasheet HTML 100Page - NEC VR4102 Datasheet HTML 101Page - NEC VR4102 Datasheet HTML 102Page - NEC VR4102 Datasheet HTML 103Page - NEC VR4102 Datasheet HTML 104Page - NEC VR4102 Datasheet HTML 105Page - NEC VR4102 Datasheet HTML 106Page - NEC VR4102 Datasheet HTML 107Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 701 page
background image
CHAPTER 4 VR4102 PIPELINE
103
(1) Add instruction (Add rd, rs, rt)
IF stage
In
)1 of the IF stage, the eleven least-significant bits of the virtual address are used to access the
instruction cache. In
)2 of the IF stage, the cache index is compared with the page frame number
and the cache data is read out. The virtual PC is incremented by 4 so that the next instruction can
be fetched.
RF stage
During
)2, the 2-port register file is addressed with the rs and rt fields and the register data is valid
at the register file output. At the same time, bypass multiplexers select inputs from either the EX-
or DC-stage output in addition to the register file output, depending on the need for an operand
bypass.
EX stage
The ALU controls are set to do an A + B operation. The operands flow into the ALU inputs, and the
ALU operation is started. The result of the ALU operation is latched into the ALU output latch
during
)1.
DC stage
This stage is a NOP for this instruction. The data from the output of the EX stage (the ALU) is
moved into the output latch of the DC.
WB stage
During
)1, the WB latch feeds the data to the inputs of the register file, which is accessed by the
rd field. The file write strobe is enabled. By the end of
)1, the data is written into the file.
Figure 4-5. Add Instruction Pipeline Activities
IF1
Cycle
Phase
PCycle
PClock
IF2
)2
)1
)2
)1
)2
)1
)2
)1
)2
)1
RF1
RF2
EX1
EX2
DC1
DC2
WB1
WB2
ITLB
IDC
ITC
ICA
IDEC
WB
EX
RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com