Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 12Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 13Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 14Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 15Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 16Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 17Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 18Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 19Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
10 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
Pin Name
I/O
Function
No.ofPins
LCD common drive outputs.
Through a combination of the contents of the scan data and with
the M signal, a single level is selected from V0, V1, V4, and VSS.
Scan Data
M
Output Voltage
H
H
VSS
H
L
V0
L
H
V1
L
L
V4
Power Save
--
VSS
COM0
To
COM63
O
64
COMS
O
Common output terminals for the indicator. Both terminals output
the same signal. Leave these open if they are not used.
When in master/slave mode, the same signal is output by both
master and slave.
2
TEST1~3
I/O
For IC chip testing. Must be floating.
3
5 Block Diagram
Segment Driver
----
---------
-
Common Driver
Bus Holder
Column Address Register
Column Address Decoder
Display RAM
132 X 65 dots
Shift Register
P/S
Display Timing
Generator
Circuit
OSC
Instruction Decoder
Bus Holder
CS2 RS
MPU Interface
RDB
(E)
WRB
(RW)
M86 RESB
CKS
V0
V
1
V
2
V
3
V
4
V
SS
CAP1-
CAP1+
CAP2-
CAP2+
CAP3+
CAP4+
V
OUT
V
EE
D7(SI)
D6(SCL)
D5
D4
D3
D2
D1
D0
V
REF
CS1B
V
DD
Data Latch
IRS
HPMB
Page
Address
Register
DUTY0
DUTY1
FLM
M
CK
DOFB
CKS
Fig. 1 System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com