Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 31 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 31 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 27Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 28Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 29Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 30Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 31Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 32Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 33Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 34Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 35Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 25
(This specification is subject to change without further notice)
6.13 Reset Circuit
6.13.1 Initial Value of the Command Register
When the RESB input falls to “L”, the EM62100 will re-enter into its default state and the
following conditions occur.
1. Display OFF
2. Normal display
3. ADC select: Normal display (ADC command D0 = “L”)
4. Power control register (D2, D1, D0) = (0, 0, 0,)
5. The serial interface register data is reset to its initial value.
6. LCD power supply bias ratio: 1/9 (1/65 duty), 1/8 (1/49 duty), 1/6 (1/33 duty)
7. Read modify write: OFF
8. Static indicator: OFF
Static indicator register: (D1, D2) = (0, 0)
9. The Display start line register is set at the first line.
10. The Column address counter is set at address 0.
11. The Page address register is set at page 0.
12. Common output status: normal
13. The V0 voltage regulator internal power supply ratio is reset to its default value.
V0 voltage regulator internal resistor ratio register: (D2, D1, D0) = (1, 0, 0)
14. The Electronic volume register is reset to its default value.
Electronic volume register: (D5, D4, D3, D2, D1, D0) = (1, 0, 0, 0, 0, 0,)
15. Resets during Test mode
16. Oscillation frequency: 31.4kHz
17. Normal display mode and frame inversion status (partial display and N-Line
inversion release)
18. Partial display duty register: (D2, D1, D0) = (1, 0, 0), 1/65 duty
19. Partial display bias register: (D2, D1, D0) = (1, 0, 1), 1/9 bias
20. N-Line inversion register: (D4, D3, D2, D1, D0) = (0, 1, 1, 0, 0), 13-Line inversion
21. Partial start line register: (D5, D4, D3, D2, D1, D0) = (0, 0, 0, 0, 0, 0), the first line
22. DC/DC clock division register: (D3, D2, D1, D0) = (0, 0, 1, 1), fOSC/6
23. Output condition of COM, SEG
COM: VSS
SEG: VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com