Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 13Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 14Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 15Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 16Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 17Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 18Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 19Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 20Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 11
(This specification is subject to change without further notice)
6 Function Description
6.1 MPU Interface
6.1.1 Selecting the Interface Type
The EM62100 chip has three types of interface with an MPU, which are two parallel
interfaces and serial interface. The interface is determined by the P/S terminal polarity
to the “H” or “L”, as shown in Table 2.
Table 2
P/S
CS1B CS2
RS
RDB WRB
M86
D7
D6
D5~D0
H: Parallel Input
CS1B CS2
RS
RDB WRB
M86
D7
D6
D5~D0
L: Serial Input
CS1B CS2
RS
--
--
--
SI
SCL
(Hi-Z)
“--“Indicates fixed to either “H” or to “L”
6.1.2 Parallel Interface
When the parallel interface has been selected (P/S=”H”), then it is possible to connect
directly to either an 8080-series MPU or a 6800-series MPU by selecting the M86
terminal to either “H” or to “L”.
Table 3
M86
CS1B
CS2
RS
RDB
WRB
D7~D0
L: 80-series MPU
CS1B
CS2
RS
RDB
WRB
D7~D0
H: 68-series MPU
CS1B
CS2
RS
E
RW
D7~D0
The type of data transfer is determined by signals at RS, RDB (E), WRB (RW) as
shown in Table 4.
Table 4
68-Series
80-Series
RS
RW
RDB
WRB
Function
1
1
0
1
Reads display data
1
0
1
0
Writes display data
0
1
0
1
Read status
0
0
1
0
Write control data (command)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com