Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 11Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 12Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 13Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 14Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 15Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 16Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 17Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 18Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 9
(This specification is subject to change without further notice)
Pin Name
I/O
Function
No.ofPins
M/S = “H”: Master operation
M/S = “L”: Slave operation
The following is true depending on the M/S and CKS status:
M/S CKS
Oscillator
Circuit
PowerSupply
Circuit
CK
M
FLM
DOFB
H
Enable
Enable
O
O
O
O
H
L
Disable
Enable
I
O
O
O
L
-
Disable
Disable
I
I
O
I
1
M/S
I
O: Output, I: Input
CK
I/O
Display clock input terminal
When the EM62100 chips are used in master/slave mode, the
various CK terminals must be connected.
1
M
I/O
Liquid crystal alternating current signal I/O terminal.
M/S = “H”: Output, M/S = “L”: Input
When the EM62100 Series chip is used in master/slave mode, the
various M terminals must be connected.
1
DOFB
I/O
LCD blanking control terminal
M/S = “H”: Output, M/S = “L”: Input
When the EM62100 chip is used in master/slave mode, the
various DOFB terminals must be connected.
1
FLM
O
Output terminal for the static drive
This terminal is only enabled when the static indicator display is
ON during master mode operation, and is used in connection with
the M terminal.
1
IRS
I
This terminal selects the resistors for the V0 voltage level
adjustment.
IRS = “H”: Use the internal resistors
IRS = “L”: Do not use the internal resistors. The V0 voltage level
is regulated by an external resistive voltage divider attached to
the VREF terminal.
This pin is enabled only when master mode operation is selected.
It is fixed to either “H” or “L” when slave mode operation is
selected.
1
HPMB
I
Power control terminal for the power supply circuit for liquid
crystal drive.
HPMB = “H”: Normal mode, HPMB = “L”: High power mode
This pin is enabled only when master mode operation is selected.
It is fixed to either “H” or “L” when slave mode operation is
selected.
1
Liquid crystal segment drive outputs. Through a combination of
the contents of the display RAM and with the M signal, a single
level is selected from V0, V2, V3, and VSS.
RAM DATA
M
Output Voltage
Normal Display Reverse Display
H
H
V0
V2
H
L
VSS
V3
L
H
V2
V0
L
L
V3
VSS
Power Save & Display OFF
--
VSS
SEG0
To
SEG131
O
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com