Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 31Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 32Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 33Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 34Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 35Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 36Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 37Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 38Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 29
(This specification is subject to change without further notice)
Code
Command
RS
RDB WRB
D7 D6
D5
D4
D3
D2
D1
D0
Hex
Function
(25) Partial
Display
Bias Set
0
1
0
0
0
1
1
1
Bias Ratio
38h
3Fh
Sets the LCD
bias ratio for
partial display
mode
0
1
0
1
1
0
1
0
0
1
1
D3h
Enters Partial
Start Line Set
(26) Partial Start
Line Set
Partial Start
Line
0
1
0
1
1
Partial Start Line
XX
Sets the LCD
Number of
partial display
start line
0
1
0
1
0
0
0
0
1
0
1
85h
Enters N-line
inversion
(27) N-Line
Inversion
Set
Number of
Line Set
0
1
0
*
*
*
Number of Line
XX
Sets the
number of line
used for N-Line
inversion
(28) N-Line
Inversion
Release
0
1
0
1
0
0
0
0
1
0
0
84h
Exits N-Line
Inversion
0
1
0
1
1
0
0
0
1
1
0
E6h
Sets DC/DC
Clock
Frequency
(29) DC/DC
Clock Set
DC/DC
Clock
Division Set
0
1
0
1
1
0
0
Clock Division
XX
Sets the
Division of
DC/DC Clock
Frequency
Table 14
7.2 Command Function
7.2.1 Display ON/OFF
This command turns the display on or off. When display OFF command is executed
during display all points ON mode, power saving mode is entered.
RS RDB WRB D7
D6
D5
D4
D3
D2
D1
D0
Hex
Setting
0
1
0
1
0
1
0
1
1
1
1
AFH
Display ON
0
AEH
Display OFF
7.2.2 Display Start Line Set
This command specifies a line address thus marking the display line that corresponds
to COM0. When this command changes the line address, smooth scrolling or a page
change occurs.
RS
RDB WRB
D7
D6
D5
D4
D3
D2
D1
D0
Hex
0
1
0
0
1
A5
A4
A3
A2
A1
A0
40H to 7FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com