Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 24Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 25Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 26Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 27Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 28Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 29Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 30Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 31Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
22 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
V0 = (1+
Ra
Rb
) x VEV = (1+
Ra
Rb
) x (1-
162
63
−
) x VREG ------------------- (a)
VEV
Rb
V
0
V
SS
V
OUT
-
+
VEV (constant voltage supply
+ electronic volume)
Fig. 9
VREG is the IC internal fixed voltage supply, and its voltage at Ta = 25°C is as shown
below.
Equipment Type
Thermal Gradient
Units
VREG
Internal power supply
-0.05
% /
2.1
The
α is set to 1 level of 64 possible levels of the electronic volume function depending
on the data set in the 6-bit electronic volume register. Table 12 shows the value for
α
depending on the electronic volume register settings.
Table 12
D5
D4
D3
D2
D1
D0
V0
0
0
0
0
0
0
0
Minimum
0
0
0
0
0
1
1
:
0
0
0
0
1
0
2
:
:
:
:
:
1
0
0
0
0
0
32
(Default)
:
:
:
:
1
1
1
1
1
0
62
:
1
1
1
1
1
1
63
Maximum
Rb/Ra is the V0 voltage regulator internal resistor ratio and can be set to 8 different
levels through the V0 voltage regulator internal resistor ratio set command. The
(1+Rb/Ra) ratio assumes the values shown in Table 13 depending on the 3-bit data
settings in the V0 voltage regulator internal resistor ratio register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com