Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 48Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 49Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 50Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 51Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 52Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 53Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 54Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 55Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
46 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
8 Absolute Maximum Ratings
Table 15 Absolute Maximum Ratings, unless otherwise specified, VSS = 0V
Parameter
Symbol
Conditions
Power Supply Voltage
VDD ,V EE
–0.3 to +4.0
V
Power Supply Voltage
VOUT
-0.3 to +15.0
V
Power Supply Voltage
V0
-0.3 to +15.0
V
Input Voltage
VIN
–0.3 to VDD + 0.3
V
Operating Temperature
TOPR
–40 to +85
°C
Storage Temperature
TSTR
–55 to +125
°C
Notes and Cautions
1. Ensure that the voltage levels of V1, V2, V3, and V4 are such that they are always
V0 V1 V2 V3 V4 VSS.
2. Permanent damage to the LSI may result if the LSI is used outside of the absolute
maximum ratings. Hence, it is recommended that in normal operation the chip be
used within the electrical characteristic conditions, otherwise, it may not only result
in malfunctions of the LSI, but may have a negative impact on the LSI reliability as
well.
9 DC Characteristics
Table 16. DC Characteristics
Rating
Item
Symbol
Condition & Application Pin
Min.
Typ.
Max.
Unit
Operating
Voltage (1)
VDD
Pin VDD
1.8
-
3.6
Operating
Voltage (2)
V0
4.0
-
14.2
High-level
Input Voltage
VIHC
0.8xVDD
VDD
Low-level
Input Voltage
VILC
Pins RS, D0-D7, RDB (E), WRB
(RW), CS1B, CS2, CKS, CK, M,
M/S, M86, P/S, DOFB, RESB,
IRS, HPMB
VSS
0.2xVDD
High-level
Output Voltage
VOH
C
IOH=-0.5mA
0.8xVDD
VDD
Low-level
Output Voltage
VOLC IOL=0.5mA
Pins D0-D7, M ,
FLM, DOFB, CK
VSS
0.2xVDD
V
Input Leakage
Current
ILI
VIN=VDD or VSS
Pins RS, RDB (E), WRB (RW),
CS1B, CS2, CKS, M/S, M86, P/S,
RESB, IRS, HPMB
-1.0
-
1.0
Hi-Z Leakage
Current
IHZ
Pins D0-D7, M, FLM , DOFB, CK
-3.0
-
3.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com