Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 5Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 6Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 7Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 8Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 9Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 10Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 11Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 12Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 3
(This specification is subject to change without further notice)
100 um
40
40
20
40
40
20
100 um
3.1 PIN DIMENSIONS
Size
Item
Pad No.
X
Y
Unit
Chip size
-
8200
1000
1 ~ 62 , 79~122 ,
140 ~ 295
35
80
123 ~ 139 , 296 ~
312
80
35
Bump Size
63 ~78
50
58
Pad Pitch
50 (min.)
m
Die thickness
(excluding bumps)
20 ±1 mil ( 525 ± 25 m)
Bump Height
17 ± 2
Minimum Bump Gap
15
Coordinate Origin
Chip center
3.2 MARK DIMENSIONS
Mark
Coordinate (X, Y)
Left
-3763.05 ,125.15
Right
3748.5 ,125.1
3.3 Alignment Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com