Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 53 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 53 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 49Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 50Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 51Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 52Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 53Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 54Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 55Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 56Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 57Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 47
(This specification is subject to change without further notice)
Rating
Item
Symbol Condition & Application Pin
Min.
Typ.
Max.
Unit
RON1
Ta=25°C, Pin
COMn & SEGn
V0=8V,
| V|=0.1V
2.0
3.5
LCD Driver
ON Resistor
RON2
Ta=25°C, Pin
COMn & SEGn
V0=11V,
| V|=0.1V
3.2
5.4
k
Sleep Mode
Current
Consumption
ISP
VDD= 3V, 4 times booster
0.01
5
Standby Mode
Current
Consumption
ISB
VDD= 3V, 4 times booster
4
10
IDD1
VDD = 3V, V0=11V, built-in
boosting power supply off,
display on, display data =
checker and no access,
Ta=25
-
20
35
IDD2
VDD, VEE = 3V, V0=11V, 4X
built-in boosting power supply,
display on, display data =
checker and no access,
temperature gradient is -0.05%
, Ta=25 , V0 voltage
internal resistor is used,
HPMB = 1
(normal power mode)
-
90
160
Current
Consumption
IDD3
VDD, VEE = 3V, V0=11V, 4X
built-in boosting power supply,
display on, display data =
checker and no access,
temperature gradient is -0.05%
, Ta=25 , V0 voltage
internal resistor is used,
HPMB = 0 (high power mode)
-
150
255
A
Input Terminal
Capacitance
CIN
Ta=25°C, f=1MHz
-
5.0
8.0
pF
fOSC = 31.4kHz,
1/65 duty VDD = 1.8~3.6V
78.1
80.5
82.9
Frame
Frequency
fFRM
fOSC = 26.3kHz,
1/65 duty VDD = 1.8~3.6V
65.4
67.4
69.5
Hz
With twice boost ratio
1.8
-
3.6
With triple times boost ratio
1.8
-
3.3
Input Voltage
VEE
With quad and five times boost
ratio
1.8
-
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com