Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 25 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 25 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 21Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 22Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 23Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 24Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 25Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 26Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 27Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 28Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 29Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 19
(This specification is subject to change without further notice)
6.11 Common Control (Shift Register)
6.11.1 Common Number
This circuit controls the relationship between the number of common output and
specified duty ratio. Common output mode select instruction specifies the scanning
direction of the common output pads, as shown in Table 8.
Table 8
Common Output Pads
Duty
Status
COM
[0:15]
COM
[16:23]
COM
[24:26]
COM
[27:36]
COM
[37:39]
COM
[40:47]
COM
[48:63]
COMS
Normal
COM[0:15]
NC
COM[16:31] COMS
1/33
Reverse
COM[31:16]
NC
COM[15:0] COMS
Normal
COM[0:23]
NC
COM[24:47]
COMS
1/49
Reverse
COM[47:24]
NC
COM[23:0]
COMS
Normal
COM[0:26]
NC
COM[27:53]
COMS
1/55
Reverse
COM[53:27]
NC
COM[26:0]
COMS
Normal
COM[0:63]
COMS
1/65
Reverse
COM[63:0]
COMS
6.11.2 LCD Driver Circuits
There are 197 channel drivers that generate four voltage levels for driving the liquid
crystal. The combination of the display data, the COM scan signal, and the M signal
produces the liquid crystal drive voltage output. Figure 7 shows examples of the SEG
and COM output waveform.
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM0
COM1
SEG0
COM63
M
Fig. 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com