Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 45Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 46Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 47Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 48Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 49Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 50Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 51Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 52Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 43
(This specification is subject to change without further notice)
7.3 Chip Initial State and Power ON/OFF Flowchart:
7.3.1 Initialization
Note: For this chip, when power is applied, the LCD driving non-selective potentials V2
and V3 (segment pins) and V1 and V4 (common pins) are output through the LCD
driving output pins SEG. and COM.
When electric charge still remains in the smoothing capacitor connecting between the
LCD driving voltage output pins (V0 - V4) and the VDD pin, the picture on the display
may instantaneously become totally dark when power is turned on. To avoid such
failure, we recommend the following flow sequence upon turning on the power.
7.3.1.1 With instant built-in power supply circuit, after turning on the power
Turn ON the V
DD - VSS power, keeping the RESB pin = "L"
When power is stabilized
Release the reset state (RESB pin = "H")
Initialized state (Default)
Function setup by command input (User setup)
(11) LCD bias setting
( 8) ADC selection
(15) Common output state selection
Function setup by command input (User setup)
(17) Setting the built-in resistance radio
to regulate the V0 voltage
(18) Electronic volume control
Function setup by command input (User setup)
(16) Power control setting
This concludes the initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com