Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 40Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 41Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 42Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 43Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 44Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 45Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 46Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 47Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
38 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
Sleep Mode
This mode stops every operation of the LCD display system, and can reduce current
consumption nearly to a static current value if no access is made from the
microprocessor. The internal status in the sleep mode is as follows:
(1) Stops the oscillator circuit and LCD power supply circuit.
(2) Stops the LCD driver and outputs the VSS level as the segment/common driver
output.
(3) Holds the display data and operation mode that momentarily existed before the start
of the sleep mode.
(4) The MPU can access the built-in display data RAM.
Standby Mode
Stops the operation of the duty LCD display system and turns on only the static drive
system to reduce power consumption to the minimum level required for static drive.
The ON operation of the static drive system indicates that the EM62100 is in standby
mode. The internal status in the standby mode is as follows:
(1) Stops the LCD power supply circuit.
(2) Stops the LCD drive and outputs the VSS level as the segment / common driver
output. However, the static drive system still operates.
(3) Holds the display data and operation mode that momentarily existed before the start
of the standby mode.
(4) The MPU can access the built-in display data RAM.
When the Reset command is issued in the standby mode, the sleep mode is set.
When the LCD drive voltage level is provided by an external resistive driver, the
current of this resistor must be cut so that it may be fixed to floating or VSS level,
prior to or concurrently used, causing the EM62100 to go to the sleep mode or
standby mode.
When an external power supply is used, likewise, the function of this external
power supply must be stopped so that it may be fixed to floating or VSS level, prior
to or concurrently used, causing the EM62100 to go to the sleep mode or standby
mode.
7.2.21 NOP
Non-Operation Command
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
Hex
0
1
0
1
1
1
0
0
0
1
1
E3H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com