Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 58 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 58 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 52Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 53Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 54Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 55Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 56Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 57Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 58Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 59Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 60Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
52 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
10.4 Reset Timing
RESB
tR
Internal
Status
tRW
During Reset
Reset
Complete
VDD = 2.7~3.6V , Ta = -40~+85°C
Item
Symbol Condition Min.
Typ.
Max.
Unit Pin Used
Reset Time
tR
1
s
-
Reset Low Pulse Width
tRW
10
s
RESB
10.5 Display Control Timing
CK
(Out)
tDM
M
VDD = 2.7~3.6V , Ta = -40~+85°C
Item
Symbol Condition Min.
Typ.
Max.
Unit
Pin Used
M Delay Time
tDM
CL=50pF
20
80
ns
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com