Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 10Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 11Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 12Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 13Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 14Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 15Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 16Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 17Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
8 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
Pin Name
I/O
Function
No.ofPins
DUTY0
DUTY1
I
Select the maximum LCD driver duty
DUTY1 DUTY
0
LCD Driver Duty
0
0
1/33
0
1
1/49
1
0
1/55
1
1
1/65
2
D0, D1,
D2, D3,
D4, D5,
D6 (SCL),
D7 (SI)
I/O
8-bit bi-directional data bus connected to an 8-bit or 16-bit
standard MPU data bus. When the chip select is inactive, D0 to
D7 are set to high impedance.
When serial interface is selected (P/S = “L”), then D7 serves as
the serial data input terminal (SI) and D6 serves as the serial
clock input terminal (SCL). During this time, D0 to D5 are set to
high impedance.
16
Determines whether the data bits are data or instruction
(command).
RS
D0 to D7
H
Display data
L
Instruction (Command)
RS
I
1
RESB
I
When RESB is set to “L,” the settings are initialized.
19
CS1B
CS2
I
Chip select signal. When CS1B = “L” and CS2 = “H,” then the
chip select CS2 becomes active, and data/command I/O is
enabled.
2
RDB (E)
I
Enable clock signal input for the 68-series MPU, active high.
Active low input pin for the 80-series MPU RDB signal
1
WRB (RW)
I
Read/Write control signal with 68-series MPU
RW=”H”: Read, RW=”L”: Write
Active low input pin for the 80 series MPU WRB signal
1
M86
I
MPU interface switch terminal
M86 =”H”: 68-series MPU interface
M86 =”L”: 80-series MPU interface
1
Selects the Parallel or Serial data input interface
P/S = “H”: Parallel data input interface, P/S = “L”: Serial data input
interface
The following applies depending on the P/S status:
P/S
Data/Command
Data
Read/Write
Serial Clock
H
RS
D0 to D7
RDB (E),
WRB (RW)
L
RS
D7 (SI)
Write only
D6 (SCL)
P/S
I
When P/S = “L”, D0 to D5 are hi-Z. D0 to D5 can be “H” or “L”
RDB (E) and WRB (RW) are fixed to either “H” or “L”. With serial
data input, RAM display data reading is not supported.
1
CKS
I
Terminal to select whether enable or disable the display clock
internal oscillator circuit.
CKS = “H”: Internal oscillator circuit is enabled
CKS = “L”: Internal oscillator circuit is disabled
(requires an external input)
When CKS = “L”, input the display clock through the CK terminal.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com