Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 9Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 10Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 11Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 12Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 13Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 14Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 15Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 16Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 7
(This specification is subject to change without further notice)
Coordinate
Coordinate
Pad No.
Pad Name
X
Y
Pad No.
Pad Name
X
Y
289
COM36
-3575.0
388.0
301
COM46
-3988.0
150.0
290
COM37
-3625.0
388.0
302
COM47
-3988.0
100.0
291
COM38
-3675.0
388.0
303
COM48
-3988.0
50.0
292
COM39
-3725.0
388.0
304
COM49
-3988.0
0.0
293
COM40
-3775.0
388.0
305
COM50
-3988.0
-50.0
294
COM41
-3825.0
388.0
306
COM51
-3988.0
-100.0
295
NC10
-3875.0
388.0
307
COM52
-3988.0
-150.0
296
NC11
-3988.0
400.0
308
COM53
-3988.0
-200.0
297
COM42
-3988.0
350.0
309
COM54
-3988.0
-250.0
298
COM43
-3988.0
300.0
310
COM55
-3988.0
-300.0
299
COM44
-3988.0
250.0
311
COM56
-3988.0
-350.0
300
COM45
-3988.0
200.0
312
NC12
-3988.0
-400.0
4 Pin Description
Table 1
Pin Name
I/O
Function
No. of Pins
VDD
Power Supply
Power supply terminal VCC
8
VSS
Power Supply
System Ground
12
VEE
Power Supply
Voltage supply pin for booster circuit. Usually the same voltage
level as VDD.
6
Multi-level power supply for the liquid crystal drive. The voltage
applied is determined by the liquid crystal cell, and is changed
through the use of a resistive voltage divider or by changing the
impedance using an Op. Amp. Voltage levels are determined
based on V0, and must maintain the relative magnitudes shown
below.
V0 V1 V2 V3 V4 VSS
Master operation: When the power supply is turned ON, the
internal power supply circuits produce the V1 to V4 voltages
shown below. The voltage settings are selected using the LCD
bias set command.
V0
V1
V2
V3
V4
Power Supply
LCD bias
V1
V2
V3
V4
1/4 bias 3/4V0 2/4V0 2/4V0 1/4V0
1/5 bias 4/5V0 3/5V0 2/5V0 1/5V0
1/6 bias 5/6V0 4/6V0 2/6V0 1/6V0
1/7 bias 6/7V0 5/7V0 2/7V0 1/7V0
1/8 bias 7/8V0 6/8V0 2/8V0 1/8V0
1/9 bias 8/9V0 7/9V0 2/9V0 1/9V0
21
CAP1+
O
Capacitor 1 positive pin for voltage converter
2
CAP1-
O
Capacitor 1 negative pin for voltage converter
2
CAP2+
O
Capacitor 2 positive pin for voltage converter
2
CAP2-
O
Capacitor 2 negative pin for voltage converter
3
CAP3+
O
Capacitor 3 positive pin for voltage converter
2
CAP4+
O
Capacitor 4 positive pin for voltage converter
2
VOUT
I/O
DC/DC voltage converter input/output pin, connect a capacitor
between this terminal and VSS
3
VREF
I
V0 voltage adjustment pad. Applies voltage between V0 and VSS
using a resistive divider. This is only enabled (IRS=“L”) When the
V0 voltage regulator internal resistor is not used. When the V0
voltage regulator internal resistor is used (IRS=“H”), this pin must
be floating.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com