Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 35Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 36Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 37Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 38Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 39Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 40Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 41Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 42Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 33
(This specification is subject to change without further notice)
7.2.11 LCD Bias Set
This command specifies the voltage Bias ratio for the LCD.
Duty
RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex
1/33
1/49
1/55
1/65
0
1
0
1
0
1
0
1
1
1
0
A2H 1/6bias 1/8bias 1/8bias 1/9bias
1
A3H 1/5bias 1/6bias 1/6bias 1/7bias
7.2.12 Read-Modify-Write
A pair of Read-Modify-Write and End commands must always be used. Once
Read-Modify-Write is issued, the column address is not incremented by a Read Display
Data command but incremented by a Write Display Data command only. The current
contents of the column address register are saved. This mode remains active until an
“End” command is issued, after which, the column address returns to the address when
Read-Modify-Write command was issued. This can reduce the microprocessor load
when data of a specific display area is repeatedly changed during cursor blinking or
other events.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
Hex
0
1
0
1
1
1
0
0
0
0
0
E0H
NOTE
Any command except Read/Write Display Data and Column Address Set can be
issued during Read-Modify-Write mode.
Set Page Address
Set Column Address
Read-Modify-Write
Dummy Read
Read Data
Write Data
Completed
End
Data
Processing
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com