Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 30Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 31Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 32Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 33Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 34Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 35Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 36Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 37Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
28 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
Code
Command
RS
RDB WRB
D7 D6
D5
D4
D3
D2
D1
D0
Hex
Function
(13) End
0
1
0
1
1
1
0
1
1
1
0
EEh
Releases the
Read-Modify-
Write
(14) Reset
0
1
0
1
1
1
0
0
0
1
0
E2h
Resets internal
functions
(15) Common
Output
Mode
Select
0
1
0
1
1
0
0
0
1
*
*
*
C0h
to
CFh
Selects COM
output scan
direction
(16) Power
Control Set
0
1
0
0
0
1
0
1
Operation
Status
28h
to
2Fh
Selects the
power circuit
operation mode
(17) V0 Voltage
Regulator
Internal
Resistor
Ratio Set
0
1
0
0
0
1
0
0
Resistor
Ratio
20h
to
27h
Selects internal
resistor ratio
Rb/Ra mode
0
1
0
1
0
0
0
0
0
0
1
81h
(18) Electronic
Volume
Mode Set
Electronic
Volume
Register
Set
0
1
0
*
*
Electronic Control Value
XX
Sets the V0
output voltage
electronic
volume register
0
1
0
1
0
1
0
1
1
0
0
1
ACh
ADh
Sets static
indicator
ON/OFF
(19) Set Static
Indicator
ON/OFF
Set Static
Indicator
Register
0
1
0
*
*
*
*
*
*
Mode
XX
Sets the flash
mode
(20) Power Save
0
1
0
-
-
-
-
-
-
-
-
-
Compound
command of
Display OFF
and Entire
Display ON
(21) NOP
0
1
0
1
1
1
0
0
0
1
1
E3h
Command for
non-operation
(22) Oscillation
Frequency
Select
0
1
0
1
1
1
0
0
1
0
0
1
E4h
E5h
Selects the
oscillation
frequency
(23) Partial
Display
Mode Set
0
1
0
1
0
0
0
0
0
1
0
1
82h
83h
Enter/Release
the partial
display mode
(24) Partial
Display
Duty Set
0
1
0
0
0
1
1
0
Duty Ratio
30h
37h
Sets the LCD
duty ratio for
partial display
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com