Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 55 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 55 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 51Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 52Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 53Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 54Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 55Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 56Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 57Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 58Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 59Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 49
(This specification is subject to change without further notice)
10 Timing Diagram
10.1 System Bus Read/Write Characteristics
(8080-Series Microprocessor)
tACC8
tOD8
D0-D7
(Read)
tAS8
tAH8
tWRHW8, tRDLW8
tDS8
tCYC8
tWRLW8, tRDLW8
tDH8
RS
WRB, RDB
D0-D7
(Write)
(VDD = 2.7 ~ 3.6V, Ta = -40~+85°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit Pin Used
Address Hold time
tAH8
0
ns
Address Setup Time
tAS8
0
ns
RS
System Cycle Time
tCYC8
240
ns
Write Pulse “L” Width
tWRLW8
120
ns
Write Pulse “H” Width
tWRHW8
100
ns
WRB
(RW)
Data Setup Time
tDS8
40
ns
Data Hold Time
tDH8
10
ns
D0-D7
Read Pulse “L” Width
tRDLW8
120
ns
Read Pulse “H” Width
tRDHW8
100
ns
RDB
(E)
RDB Access Time
tACC8
CL = 100 pF
140
ns
Output Disable Time
tOD8
5
50
ns
D0-D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com