Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 36Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 37Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 38Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 39Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 40Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 41Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 42Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 43Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
34 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
7.2.13 End
This instruction cancels the read-modify-write instruction, returning the column address
to the initial mode address.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
Hex
0
1
0
1
1
1
0
1
1
1
0
EEH
7.2.14 Reset
This command initializes the Display Start Line register, the column address, the page
address counter, and the Common output mode register, the V0 voltage regulator
internal resistor ratio, the electronic volume, and the static indicator are reset, and
read-modify-write mode and test mode are released. This does not affect the contents
of the display RAM.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
Hex
0
1
0
1
1
1
0
0
0
1
0
E2H
The Reset command cannot initialize the LCD power supply. Only the Reset signal to
the RESB pad can initialize the supplies.
7.2.15 Output Status Select Register
This command can select the scan direction of the common output terminal. When D3
is high or low, the scan direction of the COM output pad is selectable. For details, refer
to the Output Status Selector Circuit in the FUNCTION DESCRIPTION section.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
Hex
0
1
0
1
1
0
0
0
*
*
*
C0H to C7H
1
C8H to CFH
* Invalid bit
D3 = 0: Normal (COM0
COM63/47/31)
D3 = 1: Reverse (COM63/47/31
COM0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com