Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 57 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 57 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 52Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 53Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 54Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 55Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 56Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 57Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 58Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 59Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 60Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 51
(This specification is subject to change without further notice)
10.3 Serial Interface Characteristics
tCSH
CS1B
(CS2)
RS
SCL
SI
tCSS
tASS
tSLW
tSHW
tDSS
tDHS
tCYCS
tAHS
VDD = 2.7~3.6V, Ta = -40~+85°C . In serial mode, keep M86=L, RDB=H, WRB=H.
Item
Symbol
Condition
Min.
Typ.
Max. Unit Pin Used
Serial Clock Period
tCYCS
120
ns
SCL Pulse “H” Width
tSHW
60
ns
SCL Pulse “L” Width
tSLW
60
ns
SCL
Address Setup Time
tASS
30
ns
Address Hold Time
tAHS
20
ns
RS
Data Setup Time
tDSS
30
ns
Data Hold Time
tDHS
20
ns
SI
CSB-SCL Time
tCSS
20
ns
CSB Hold Time
tCSH
40
ns
CSB, CS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com