Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 37 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 33Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 34Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 35Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 36Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 37Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 38Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 39Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 40Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 31
(This specification is subject to change without further notice)
A7
A6
A5
A4
A3
A2
A1
A0
Column Address
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
1
0
2
1
0
0
0
0
0
1
0
130
1
0
0
0
0
0
1
1
131
7.2.5 Read Status
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
BUSY
ADC
ON/OFF
RESET
0
0
0
0
Busy:
the busy bit indicates whether the driver accepts instruction or not.
Busy=0: the driver will accept new instruction
Busy=1: no new instruction will be accepted
ADC:
ADC=0: reverse (column address 131-n
segment driver n)
ADC=1: normal (column address n
segment driver n)
ON/OFF: indicates the current status of the display
ON/OFF=0: display ON
ON/OFF=1: display OFF
Reset:
indicates whether the driver is executing a hardware or software reset or if it
is in normal operating mode.
Reset=0: normal operation
Reset=1: currently executing a reset instruction
7.2.6 Write Display Data
Writes an 8-bit data from the data bus into the display RAM. Since the column address
automatically increments by 1 after each write, the microprocessor can continue to
write data with multiple words.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
Write data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com