Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 17Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 18Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 19Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 20Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 21Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 22Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 23Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 24Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 15
(This specification is subject to change without further notice)
6.6 Line Address Circuit
The line address circuit assigns the line address corresponding to the common output
when the contents of the display data RAM are displayed. Using the display start line
address set command, the normal top line of the display can be specified (which is the
COM0 output when the common output mode is normal, and the COM63 output for
EM62100 when the common output mode is reversed. The display area is a 65-line
area for the EM62100 from the display start line address.
If the line address is changed dynamically using the display start line address set
command, screen scrolling, page swapping, etc., can be performed.
6.7 Column Addresses Circuit
The column address is specified by the Column Address Set command, as shown in
Fig.5. The specified column address is incremented by 1 each time a read or write
display data instruction is executed. This allows the MPU display data to be accessed
continuously. The column address can no longer be incremented at 83H. Since the
column address is independent of the page address, when moving, for example, from
page 0 column 83H to page 1 column 00H, it is necessary to specify both the page
address and the column address.
Furthermore, as shown in Table 4, the ADC command can be used to invert the
relationship between the display data RAM column address and the segment output.
Because of this, the constraints on the IC layout when the LCD module is assembled
can be minimized.
Table 5
SEG Output
SEG0
SEG131
ADC"0"
0(H)
Column address
83(H)
ADC"1"
83(H)
Column address
0(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com