Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 29Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 30Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 31Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 32Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 33Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 34Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 35Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 36Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 27
(This specification is subject to change without further notice)
7.1 Command Table
Code
Command
RS
RDB WRB
D7 D6
D5
D4
D3
D2
D1
D0
Hex
Function
(1) Display OFF
0
1
0
1
0
1
0
1
1
1
0
1
AEh
AFh
Turns on the
LCD panel
when high, and
turns off when
low
(2) Display Start
Line Set
0
1
0
0
1
Display Start Address
40h
to
7Fh
Specifies the
RAM display
line for COM0
(3) Page
Address Set
0
1
0
1
0
1
1
Page Address
B0h
to
B8h
Sets the display
data RAM page
in Page
Address
register
0
1
0
0
0
0
1
High Column
Address
(4) Column
Address Set
0
1
0
0
0
0
0
Low Column
Address
00h
to
18h
Sets 4 higher
bits and 4 lower
bits of column
address of
display data
RAM in register
(5) Read Status
0
0
1
Status
0
0
0
0
XX
Reads the
status
information
(6) Write Display
Data
1
1
0
Write Data
XX
Writes data in
display data
RAM
(7) Read Display
Data
1
0
1
Read Data
XX
Reads data
from display
data RAM
(8) ADC Select
0
1
0
1
0
1
0
0
0
0
0
1
A0h
A1h
Sets the display
data RAM
address SEG
output
correspondence
(9) Normal/
Reverse
Display
0
1
0
1
0
1
0
0
1
1
0
1
A6h
A7h
Normal display
when low, but
reverse display
when high
(10) Entire
Display
ON/OFF
0
1
0
1
0
1
0
0
1
0
0
1
A4h
A5h
Selects normal
display (0) or
entire display on
(11) LCD Bias
Set
0
1
0
1
0
1
0
0
0
1
0
1
A2h
A3h
Sets the LCD
driving voltage
bias ratio
(12)
Read-Modify
-Write
0
1
0
1
1
1
0
0
0
0
0
E0h
Increments
column address
counter during
each write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com