Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 24 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 24 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 20Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 21Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 22Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 23Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 24Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 25Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 26Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 27Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 28Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
18 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
When several EM62100 chips are used, the slave chips must supply the display timing
signals (M, CK, DOFB) from the master chip. Explanation is shown in Table 6.
Table 6
Operating Mode
M
CK
DOFB
Master (M/S= “H”) The internal oscillator circuit is enabled (CKS=”H”)
The internal oscillator circuit is disabled (CKS=”L”)
O
O
O
I
O
O
Slave (M/S = “L”) The internal oscillator circuit is enabled (CKS=”H”)
The internal oscillator circuit is disabled (CKS=”L”)
I
I
I
I
I
I
O: Output, I: Input
NOTE
When the EM62100 is used in the master/slave configuration, each of the CKS pins
are set to the same level together.
Table 7 shows the relationship between the oscillation frequency and frame frequency.
fOSC which can be selected as 31.4 or 26.3kHz by using Oscillation Frequency Select
command.
Table 7
Duty
Item
fCK
fM
On-chip oscillator is used
fOSC/6
fCK / (2 x 65)
1/65
On-chip oscillator is not used
External input fCL
fCK / (2 x 65)
On-chip oscillator is used
fOSC/7
fCK / (2 x 55)
1/55
On-chip oscillator is not used
External input fCL
fCK / (2 x 55)
On-chip oscillator is used
fOSC/8
fCK / (2 x 49)
1/49
On-chip oscillator is not used
External input fCL
fCK / (2 x 49)
On-chip oscillator is used
fOSC/12
fCK / (2 x 33)
1/33
On-chip oscillator is not used
External input fCL
fCK / (2 x 33)
On-chip oscillator is used
fOSC/22
fCK / (2 x 17)
1/17
On-chip oscillator is not used
External input fCL
fCK / (2 x 17)
On-chip oscillator is used
fOSC/44
fCK / (2 x 9)
1/9
On-chip oscillator is not used
External input fCL
fCK / (2 x 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com