Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 54 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 54 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 50Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 51Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 52Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 53Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 54Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 55Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 56Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 57Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 58Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
48 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
Rating
Item
Symbol Condition & Application Pin
Min.
Typ.
Max.
Unit
VOUT1
Booster output voltage on
VOUT pin (x5)
5xVEE
x0.95
5xVEE
x0.98
5xVEE
VOUT2
Booster output voltage on
VOUT pin (x4)
4xVEE
x0.95
4xVEE
x0.98
4xVEE
VOUT3
Booster output voltage on
VOUT pin (x3)
3xVEE
x0.95
3xVEE
x0.98
3xVEE
Supply
Step-up
Output
Voltage
VOUT4
Booster output voltage on
VOUT pin (x2)
2xVEE
x0.95
2xVEE
x0.98
2xVEE
V
Base Voltage
VREG
Ta=25°C
2.04
2.10
2.16
V
NOTE
1. Ensure that the voltage levels of V1, V2, V3, and V4 are in such a way that
V0 V1 V2 V3 V4 VSS.
2. Unless otherwise specified, VSS = 0V, VDD = 1.8 - 3.6V ±10%, Ta = –40 to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com