Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 6Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 7Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 8Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 9Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 10Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 11Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 12Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 13Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
4 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
3.4 Pin Coordinate Table
Coordinate
Coordinate
Pad No.
Pad Name
X
Y
Pad No.
Pad Name
X
Y
1
NC1
-3877.5
-388.0
49
VEE
-1458.8
-388.0
2
COM57
-3827.5
-388.0
50
VEE
-1408.8
-388.0
3
COM58
-3777.5
-388.0
51
VEE
-1358.8
-388.0
4
COM59
-3727.5
-388.0
52
VEE
-1308.8
-388.0
5
COM60
-3677.5
-388.0
53
VEE
-1258.8
-388.0
6
COM61
-3627.5
-388.0
54
VSS
-1208.8
-388.0
7
COM62
-3577.5
-388.0
55
VSS
-1158.8
-388.0
8
COM63
-3527.5
-388.0
56
VSS
-1108.8
-388.0
9
COMS
-3477.5
-388.0
57
VSS
-1058.8
-388.0
10
NC2
-3408.8
-388.0
58
VSS
-1008.8
-388.0
11
FLM
-3358.8
-388.0
59
VSS
-958.8
-388.0
12
M
-3308.8
-388.0
60
VSS
-908.8
-388.0
13
CK
-325838
-388.0
61
VSS
-858.8
-388.0
14
DOFB
-3208.8
-388.0
62
TEST2
-808.8
-388.0
15
VSS
-3158.8
-388.0
63
VOUT
-733.65
-399.0
16
CS1B
-3108.8
-388.0
64
VOUT
-506.65
-399.0
17
CS2
-3058.8
-388.0
65
VOUT
-441.65
-399.0
18
VDD
-3008.8
-388.0
66
CAP4+
-376.65
-399.0
19
RESB
-2958.8
-388.0
67
CAP4+
-116.65
-399.0
20
RS
-2908.8
-388.0
68
CAP3+
-51.65
-399.0
21
WRB (RW)
-2858.8
-388.0
69
CAP3+
198.35
-399.0
22
TEST1
-2808.8
-388.0
70
CAP1-
263.35
-399.0
23
RDB (E)
-2758.8
-388.0
71
CAP1-
523.4
-399.0
24
VDD
-2708.8
-388.0
72
CAP1+
588.4
-399.0
25
D0
-2658.8
-388.0
73
CAP1+
845.4
-399.0
26
D0
-2608.8
-388.0
74
CAP2+
910.4
-399.0
27
D1
-2558.8
-388.0
75
CAP2+
1105.4
-399.0
28
D1
-2508.8
-388.0
76
CAP2+
1170.4
-399.0
29
D2
-2458.8
-388.0
77
CAP2-
1235.4
-399.0
30
D2
-2408.8
-388.0
78
CAP2-
1495.4
-399.0
31
D3
-2358.8
-388.0
79
V1
1610.1
-388.0
32
D3
-2308.8
-388.0
80
V1
1660.1
-388.0
33
D4
-2258.8
-388.0
81
V1
1710.1
-388.0
34
D4
-2208.8
-388.0
82
V1
1760.1
-388.0
35
D5
-2158.8
-388.0
83
V2
1810.1
-388.0
36
D5
-2108.8
-388.0
84
V2
1860.1
-388.0
37
D6
-2058.8
-388.0
85
V2
1910.1
-388.0
38
D6
-2008.8
-388.0
86
V2
1960.1
-388.0
39
D7
-1958.8
-388.0
87
V3
2010.1
-388.0
40
D7
-1908.8
-388.0
88
V3
2060.1
-388.0
41
DUTY0
-1858.8
-388.0
89
V3
2110.1
-388.0
42
VSS
-1808.8
-388.0
90
V3
2160.1
-388.0
43
DUTY1
-1758.8
-388.0
91
V4
2210.1
-388.0
44
VDD
-1708.8
-388.0
92
V4
2260.1
-388.0
45
VDD
-1658.8
-388.0
93
V4
2310.1
-388.0
46
VDD
-1608.8
-388.0
94
V4
2360.1
-388.0
47
VDD
-1558.8
-388.0
95
V0
2410.1
-388.0
48
VEE
-1508.8
-388.0
96
V0
2460.1
-388.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com