Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 42Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 43Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 44Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 45Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 46Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 47Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 48Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 49Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
40 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
Using Partial Display Bias Set command to adjust the LCD bias in partial display mode.
RS RDB WRB D7
D6 D5 D4 D3 D2 D1
D0
Hex
LCD Bias
0
1
0
0
0
1
1
1
0
0
0
38H
1/4
0
0
1
39H
1/5
0
1
0
3AH
1/6
0
1
1
3BH
1/7
1
0
0
3CH
1/8
1
0
1
3DH
1/9
1
1
0
3EH
Reserved
1
1
1
3FH
Reserved
NOTE
The COM waveform of no display area is non-select waveform.
7.2.26 Partial Start Line Set (Double Byte Command)
This command makes it possible to set the partial start line for partial display. It is a
two-byte command used in pair and the Number of Start Line Set command must be
issued after the Partial Start Line Set command.
(1) Partial Start Line Set
When this command is input, no other commands except for the Number of Start
Line Set command can be used.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
Hex
0
1
0
1
1
0
1
0
0
1
1
D3H
(2) Number of Start Line Set
This command is used to set six bits of data to the Partial Start Line register.
Immediately after the Number of Start Line Set command has been issued to set
data into the register, then the partial start line will affect the LCD display. The
number of partial start line is always equal to zero when the partial start line is larger
than the maximum duty ratio (determine by pins DUTY0 and DUTY1).
RS RDB WRB D7
D6
D5
D4
D3
D2
D1
D0 Hex
Partial
Start Line
0
1
0
*
*
0
0
0
0
0
0
00H
0 line
0
0
0
0
0
1
01H
1 line
0
0
0
0
1
0
02H
2 lines
1
1
1
1
1
0
3EH
62 lines
1
1
1
1
1
1
3FH
63 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com