Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 56 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 52Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 53Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 54Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 55Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 56Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 57Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 58Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 59Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 60Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
50 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
10.2 System Bus Read/Write Characteristics
(6800-Series Microprocessor)
tACC68
tOD68
D0-D7
(Read)
tAS68
tAH68
tELW68, tELR68
tDS68
tCYC68
tEHW68, tEHR68
tDH68
RS,
RW
E
D0-D7
(Write)
VDD = 2.7 ~ 3.6V, Ta = -40~+85°C
Item
Symbol
Condition Min. Typ. Max. Unit Pin Used
Address Hold Time
tAH68
0
ns
Address Setup Time
tAS68
0
ns
RS, RW
System Cycle Time (Write)
tCYC68
240
ns
Enable pulse “H” Width (Write)
tEHW68
120
ns
Enable Pulse “H” Width (Read)
tEHR68
120
ns
Enable Pulse “L” Width (Write)
tELW68
100
ns
Enable Pulse “L” Width (Read)
tELR68
100
ns
E
Data Setup Time
tDS68
40
ns
Data Hold Time
tDH68
10
ns
D0~D15
RDB Access Time
tACC68 CL = 100 pF
140
ns
Output Disable Time
tOD68
5
50
ns
D0-D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com