Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 42 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 38Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 39Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 40Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 41Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 42Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 43Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 44Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 45Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
36 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
(2) Electronic Volume Register Set
By using this command to set six bits of data to the electronic volume register, the
LCD drive voltage V0 assumes one of the 64 voltage levels. When this command is
input, the electronic volume mode is released after the electronic volume register
has been set.
RS
RDB WRB D7
D6
D5
D4
D3
D2
D1
D0
Hex
Setting
0
1
0
*
*
0
0
0
0
0
1
01H
Small
0
0
0
0
1
0
02H
1
1
1
1
1
0
3EH
1
1
1
1
1
1
3FH
Large
When the electronic volume function is not used, set D5 - D0 to 100000.
7.2.19 Static Indicator (Double Byte Command)
This command controls the static drive system indicator display. The static indicator
display is controlled by this command only, and is independent of other display control
commands. This is used when one of the static indicator LCD drive electrodes is
connected to the M terminal, and the other is connected to the FLM terminal. Different
patterns are recommended for the static indicator electrodes and for the dynamic drive
electrodes. If the patterns are too close, it can result in deterioration of the LCD and of
the electrodes.
The static indicator ON command is a double bytes command paired with the static
indicator register set command, and such commands must be executed one after the
other. (The static indicator OFF command is a single byte command)
(1) Static Indicator ON/OFF
When the static indicator ON command is executed, the static indicator register set
command is enabled, and no other command aside from the static indicator register
set command can be used. This mode is cleared when data is set in the register by
the static indicator register set command.
RS RDB WRB D7
D6
D5
D4
D3
D2
D1
D0
Hex
Setting
0
1
0
1
0
1
0
1
1
0
0
ACH Static indicator OFF
1
ADH Static indicator ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com