Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 16Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 17Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 18Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 19Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 20Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 21Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 22Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 23Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
14 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
6.3 Busy Flag
The busy flag is output to pin D7 by a read status command. When the busy flag is “1”
it indicates that the EM62100 chip is executing its internal operations, any command
other than status read is ignored during this time. If the cycle time (tCYC) is correct, this
flag need not be checked before each instruction. This makes vast improvements in
MPU processing capabilities possible.
6.4 Display Data RAM
The display data RAM stores the pixel data for the LCD. It is a 65
×132 addressable
array. It allows access to the desired bit by specifying the page address and the
column address. The 65 rows are divided into 8 pages of 8 lines and the 9th page with
a single line (D0). The D7 to D0 display data from the MPU corresponds to the LCD
common lines as show in Fig.4. There are few constraints at the time of display data
transfer when multiple EM62100 chip is used. However, the display structures can be
created easily and with a high degree of freedom. Reading from and writing to the
display RAM from the MPU side is performed through the I/O buffer, which is an
independent operation from signal reading for the liquid crystal driver. Consequently,
even if the display data RAM is accessed asynchronously, it will not cause adverse
effects on the display (such as flickering).
0
0
0
0
1
1
1
1
1
1
1
1
1
0 0 0
0
0
0
0
0
0
0 0 0
D0
D1
D2
D3
D4
COM0
COM1
COM2
COM3
COM4
Display Data RAM
Liquid Crystal Display
Fig. 4
6.5 Page Address Circuit
The page address of the display data RAM is specified through the Page Address Set
Command. The page address needs to be specified again in accessing other pages.
Page address 8 is the page for the RAM region used only by the static indicators, and
only display data D0 is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com