Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM62100AGH Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 41Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 42Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 43Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 44Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 45Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 46Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 47Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 48Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
Product Specification (V1.1) 09.13.2005
•••• 39
(This specification is subject to change without further notice)
7.2.22 Test Command
This is the dedicated IC chip test command. It must not be used during operation. It
can be cleared by applying an “L” signal to set the RESB input or issue the reset
command to release the test mode.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
Hex
0
1
0
1
1
1
1
0
1
0
0
F0H to FFH
7.2.23 Oscillation Frequency Select
This command is to select the oscillation frequency of the driver IC as shown below.
RS
RDB
WRB
D7 D6 D5 D4 D3 D2 D1 D0 Hex Oscillation Frequency
0
1
0
1
1
1
0
0
1
0
0
E4H
Typical 31.4kHz
1
E5H
Typical 26.3kHz
7.2.24 Partial Display Mode Set
This command is to select the display mode. When D0 is “L”, the IC is in normal display
mode, the maximum display duty ratio is determined by the pin connection of DUTY0
and DUTY1 and the command LCD Bias Set determines the LCD bias ratio. The IC
enters into partial display mode when D0 is high, then the commands Partial Display
Duty Set and Partial Display Bias Set determine the LCD display duty and bias ratios.
RS
RDB
WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex
Display Mode
0
1
0
1
0
0
0
0
0
1
0
82H
Normal Display
1
83H
Partial Display
7.2.25 Partial Display Duty and Bias Set
These two commands set the LCD display duty and bias ratios when the IC is in partial
display mode. Such commands are invalid when the IC is in normal display mode.
When the partial display duty is set, the LCD bias for partial display is also set
concurrently. The partial display duty will be kept at maximum duty (determine by pins
DUTY0 and DUTY1) when the duty set is larger than the maximum duty.
RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0
Hex
Partial Duty Scanning Line
0
1
0
0
0
1
1
0
0
0
0
30H
1/9 duty
Line[0:7], COMS
0
0
1
31H
1/17 duty Line[0:15], COMS
0
1
0
32H
1/33 duty Line[0:31], COMS
0
1
1
33H
1/49 duty Line[0:47], COMS
1
0
0
34H
1/65 duty Line[0:63], COMS
1
0
1
35H
1/55 duty Line[0:53], COMS
1
1
* 36H/37H Reserved
No effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com