Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 26 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 26 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 22Page - Texas Instruments UCC28C53_V01 Datasheet HTML 23Page - Texas Instruments UCC28C53_V01 Datasheet HTML 24Page - Texas Instruments UCC28C53_V01 Datasheet HTML 25Page - Texas Instruments UCC28C53_V01 Datasheet HTML 26Page - Texas Instruments UCC28C53_V01 Datasheet HTML 27Page - Texas Instruments UCC28C53_V01 Datasheet HTML 28Page - Texas Instruments UCC28C53_V01 Datasheet HTML 29Page - Texas Instruments UCC28C53_V01 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
9.2.1 Design Requirements
Table 9-1 shows a typical set of performance requirements for an off-line flyback converter capable of providing
48 W at 12-V output voltage from a universal AC input. The design uses peak primary current control in a
continuous current mode PWM converter.
Table 9-1. Design Parameters
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input Voltage
85
115/230
265
VRMS
fLINE
Line Frequency
47
50/60
63
Hz
VOUT
Output Voltage
IVOUT(min) ≤ IVOUT ≤ IVOUT(max)
11.75
12
12.25
V
VRIPPLE
Output Ripple Voltage
IVOUT(min) ≤ IVOUT ≤ IVOUT(max)
100
mVpp
IVOUT
Output Current
0
4
A
fSW
Switching Frequency
110
kHz
η
Efficiency
85%
9.2.2 Detailed Design Procedure
This procedure outlines the steps to design an off-line universal input continuous current mode (CCM) flyback
converter. See Figure 9-3 for component names referred to in the design procedure.
9.2.2.1 Input Bulk Capacitor and Minimum Bulk Voltage
Bulk capacitance may consist of one or more capacitors connected in parallel, often with some inductance
between them to suppress differential-mode conducted noise. The value of the input capacitor sets the minimum
bulk voltage;. Setting the bulk voltage lower by using minimal input capacitance results in higher peak primary
currents leading to more stress on the MOSFET switch, the transformer, and the output capacitors. Setting
the bulk voltage higher by using a larger input capacitor results in higher peak current from the input source
and the capacitor itself is physically larger. Compromising between size and component stresses determines
the acceptable minimum input voltage. The total required value for the primary-side bulk capacitance (CIN) is
selected based upon the power level of the converter (POUT), the efficiency target (η), the minimum input voltage
(VIN(min)), and is chosen to maintain an acceptable minimum bulk voltage level (VBULK(min)), using Equation 3.
CIN =
2 × PIN ×
F0.25+1
N × arcsin
F VBULK(min)
¾2 × V
IN (min )GG
k2 × V
IN (min )
2
F V
BULK (min )
2
o × fLINE (min )
(3)
where
• VIN(min) is the RMS value of the minimum AC input voltage (85 VRMS) whose minimum line frequency is
denoted as fLINE(min), equal to 47 Hz
Based on Equation 3, to achieve a minimum bulk voltage of 75 V, assuming 85% converter efficiency, the bulk
capacitor must be larger than 126 µF. this design uses a value of 180 µF, with consideration for component
tolerances and efficiency estimation.
9.2.2.2 Transformer Turns Ratio and Maximum Duty Cycle
The transformer design begins with selecting a suitable switching frequency for the given application. The
UCC28C42 is capable of switching up to 1 MHz but considerations such as overall converter size, switching
losses, core loss, system compatibility, and interference with communication frequency bands generally
determine an optimum frequency that should be used. For this off-line converter, the switching frequency (fSW) is
selected to be 110 kHz as a compromise to minimize the transformer size and the EMI filter size, and still have
acceptable losses.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com