Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 30 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 30 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 26Page - Texas Instruments UCC28C53_V01 Datasheet HTML 27Page - Texas Instruments UCC28C53_V01 Datasheet HTML 28Page - Texas Instruments UCC28C53_V01 Datasheet HTML 29Page - Texas Instruments UCC28C53_V01 Datasheet HTML 30Page - Texas Instruments UCC28C53_V01 Datasheet HTML 31Page - Texas Instruments UCC28C53_V01 Datasheet HTML 32Page - Texas Instruments UCC28C53_V01 Datasheet HTML 33Page - Texas Instruments UCC28C53_V01 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
9.2.2.9 Start-Up Circuit
At start-up, the IC gets its power directly from the high-voltage bulk, through a high-voltage resistor (RSTART).
The selection of the start-up resistor is the tradeoff between power loss and start-up time. The current flowing
through RSTART at the minimum input voltage must be higher than the VDD current under UVLO conditions (100
µA at its maximum value). A resistance of 420-kΩ was chosen for RSTART, providing 250 µA of start-up current
at low-line conditions. The start-up resistor is physically comprised of two 210-kΩ resistors in series to meet the
high voltage requirements and power rating at high-line.
After VDD is charged up above the UVLO-ON threshold, the UCC28C42 starts to consume full operating
current. The VDD capacitor is required to provide enough energy to prevent its voltage from dropping below
the UVLO-OFF threshold during start-up, before the output is able to reach its regulated level. A large bulk
capacitance would hold more energy but would result in slower start-up time. In this design, a 120-µF capacitor
is chosen to provide enough energy and maintain a start-up time of approximately 7 seconds. For faster start-up,
the bulk capacitor value may be decreased or the RSTART resistor modified to a lower value.
9.2.2.10 Voltage Feedback Compensation
Feedback compensation, also called closed-loop control, can reduce or eliminate steady state error, reduce
the sensitivity of the system to parametric changes, change the gain or phase of a system over some desired
frequency range, reduce the effects of small signal load disturbances and noise on system performance, and
create a stable system from an unstable system. A system is stable if its response to a perturbation is that the
perturbation eventually dies out. A peak current mode flyback uses an outer voltage feedback loop to stabilize
the converter. To adequately compensate the voltage loop, the open-loop parameters of the power stage must
be determined.
9.2.2.10.1 Power Stage Poles and Zeroes
The first step in compensating a fixed frequency flyback is to verify if the converter is continuous conduction
mode (CCM) or discontinuous conduction mode (DCM). If the primary inductance (LP) is greater than the
inductance for DCM or CCM boundary mode operation, called the critical inductance (LPcrit), then the converter
operates in CCM:
LP > LPcrit , then CCM
(17)
L
Pcrit
=
R
OUT × :NPS ;
2
2 × f
SW
×
l
V
IN
V
IN + VOUT × NPS p
2
(18)
For the entire input voltage range, the selected inductor has a value larger than the critical inductor. Therefore,
the converter operates in CCM and the compensation loop requires design based on CCM flyback equations.
The current-to-voltage conversion is done externally with the ground-referenced RCS and the internal 2R/R
resistor divider which sets up the internal current sense gain, ACS = 3. The exact value of these internal resistors
is not critical but the IC provides tight control of the resistor divider ratio, so regardless of the actual resistor
value variations their relative value to each other is maintained.
The DC open-loop gain (GO) of the fixed-frequency voltage control loop of a peak current mode control CCM
flyback converter shown in Equation 19 is approximated by first using the output load (ROUT), the primary to
secondary turns ratio (NPS), and the maximum duty cycle (D) as calculated in Equation 20.
G
O =
R
OUT × NPS
R
CS × ACS
×
1
:1 F D;
2
R
L
+
:2 × M; + 1
(19)
In Equation 19, D is calculated with Equation 20, τL is calculated with Equation 21, and M is calculated with
Equation 22.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com