Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 19 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 15Page - Texas Instruments UCC28C53_V01 Datasheet HTML 16Page - Texas Instruments UCC28C53_V01 Datasheet HTML 17Page - Texas Instruments UCC28C53_V01 Datasheet HTML 18Page - Texas Instruments UCC28C53_V01 Datasheet HTML 19Page - Texas Instruments UCC28C53_V01 Datasheet HTML 20Page - Texas Instruments UCC28C53_V01 Datasheet HTML 21Page - Texas Instruments UCC28C53_V01 Datasheet HTML 22Page - Texas Instruments UCC28C53_V01 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
RRT
CCT
VREF
RT/CT
GND
Copyright © 2016, Texas Instruments Incorporated
8.4 mA
VDDON
VDDOFF
CCT
tON
tOFF
tPERIOD
Figure 8-4. Oscillator Circuit
While the device discharges the timing capacitor, resistor RRT continues attempting to charge CCT. It is the exact
ratio of these two currents, the discharging versus the charging current, which specifies the maximum duty cycle.
During the discharge time of CCT, the device output is always off. This represents an ensured minimum off
time of the switch, commonly referred to as dead-time. To program an accurate maximum duty cycle, use the
information provided in Figure 7-18for maximum duty cycle versus oscillator frequency. Any number of maximum
duty cycles can be programmed for a given frequency by adjusting the values of RRT and CCT. After selecting the
value of RRT, find the oscillator timing capacitance using the curves in Figure 7-1. However, because resistors
are available in more precise increments, typically 1%, and capacitors are only available in 5% accuracy, it might
be more practical to select the closest capacitor value first and then calculate the timing resistor value.
8.3.6 Oscillator Synchronization
Synchronization is best achieved by forcing the timing capacitor voltage above the oscillator internal upper
threshold. A small resistor is placed in series with CCT to GND. This resistor serves as the input for the sync
pulse which raises the CCT voltage above the oscillator internal upper threshold. The PWM is allowed to run
at the frequency set by RRT and CCT until the sync pulse appears. This scheme offers several advantages
including having the local ramp available for slope compensation. The UCCx8C5x oscillator must be set to a
lower frequency than the sync pulse stream, typically 20 percent with a 0.5-V pulse applied across the resistor.
RRT
CCT
VREF
RT/CT
GND
Copyright © 2016, Texas Instruments Incorporated
CCT
50
SYNC
SYNC
CCT + SYNC
Figure 8-5. Oscillator Synchronization Circuit
8.3.7 Soft-start Timing
The soft-start timing is the technique to gradually power up the converter in a well-controlled fashion by slowly
increasing the effective duty cycle starting at zero and gradually rising. Following start-up of the PWM, the error
amplifier inverting input is low, commanding the error amplifier’s output to go high. The output stage of the
amplifier can source 1 mA typically, which is enough to drive most high impedance compensation networks, but
not enough for driving large loads quickly. Soft-start timing is achieved by charging a fairly large value, >1-µF,
capacitor (CSS) connected to the error amplifier output through a PNP transistor as shown in Figure 8-6
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com