Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 29 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 29 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 25Page - Texas Instruments UCC28C53_V01 Datasheet HTML 26Page - Texas Instruments UCC28C53_V01 Datasheet HTML 27Page - Texas Instruments UCC28C53_V01 Datasheet HTML 28Page - Texas Instruments UCC28C53_V01 Datasheet HTML 29Page - Texas Instruments UCC28C53_V01 Datasheet HTML 30Page - Texas Instruments UCC28C53_V01 Datasheet HTML 31Page - Texas Instruments UCC28C53_V01 Datasheet HTML 32Page - Texas Instruments UCC28C53_V01 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
9.2.2.5 Current Sensing Network
The current sensing network consists of the primary-side current sensing resistor (RCS), filtering components
RCSF and CCSF, and optional RP. Typically, the direct current sense signal contains a large amplitude leading
edge spike associated with the turnon of the main power MOSFET, reverse recovery of the output rectifier, and
other factors including charging and discharging of parasitic capacitances. Therefore, CCSF and RCSF form a
low-pass filter that provides immunity to suppress the leading edge spike. For this converter, CCSF is chosen to
be 100 pF.
Without RP, RCS sets the maximum peak current in the transformer primary based on the maximum amplitude of
the CS pin, which is specified to be 1 V. To achieve 1.36-A primary side peak current, a 0.75-Ω resistor is chosen
for RCS.
The high current sense threshold of CS helps to provide better noise immunity to the system but also results
in higher losses in the current sense resistor. These current sense losses can be minimized by injecting an
offset voltage into the current sense signal using RP. RP and RCSF form a resistor divider network from the
current sense signal to the reference voltage of the controller (VVREF) which adds an offset to the current
sense voltage. This technique still achieves current mode control with cycle-by-cycle over-current protection. To
calculate required offset value (VOFFSET), use Equation 16.
V
OFFSET
=
R
CSF
R
CSF + RP
× V
REF
(16)
After adding the RP resistance, adjust the RCS value accordingly.
9.2.2.6 Gate Drive Resistor
RG is the gate driver resistor for the power switch (QSW). The selection of this resistor value must be done in
conjunction with EMI compliance testing and efficiency testing. Using a larger resistor value for RG slows down
the turnon and turnoff of the MOSFET. A slower switching speed reduces EMI but also increases the switching
loss. A tradeoff between switching loss and EMI performance must be carefully performed. For this design, a
10
‑Ω resistor was chosen for the gate drive resistor.
9.2.2.7 VREF Capacitor
A precision 5-V reference voltage performs several important functions. The reference voltage is divided down
internally to 2.5 V and connected to the error amplifier’s noninverting input for accurate output voltage regulation.
Other duties of the reference voltage are to set internal bias currents and thresholds for functions such as
the oscillator upper and lower thresholds. Therefore, the reference voltage must be bypassed with a ceramic
capacitor. A 1-µF, 16-V ceramic capacitor was selected for this converter. Placement of this capacitor on the
physical printed-circuit board layout must be as close as possible to the respective VREF and GND pins.
9.2.2.8 RT/CT
RT/CT is the oscillator timing pin. For fixed frequency operation, set the timing capacitor charging current by
connecting a resistor from VREF to RT/CT. Set the frequency by connecting timing capacitor from RT/CT to
GND. For the best performance, keep the timing capacitor lead to GND as short and direct as possible. If
possible, use separate ground traces for the timing capacitor and all other functions.
The controller's oscillator allows for operation to 1 MHz. The device uses an external resistor to set the charging
current for the external capacitor, which determines the oscillator frequency. TI recommends timing resistor
values from 1 kΩ to 100 kΩ and timing capacitor values from 220 pF to 4.7 nF. The UCCx8C5x oscillator is true
to the curves of the original BiCMOS devices at lower frequencies, yet extends the frequency programmability
range to at least 1 MHz. This programmability allows the device to offer pin-to-pin capability where required, yet
capable of extending the operational range to the higher frequencies.
See Figure 7-1 for component values for setting the oscillator frequency.
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com