Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28C53_V01 Datasheet HTML 1Page - Texas Instruments UCC28C53_V01 Datasheet HTML 2Page - Texas Instruments UCC28C53_V01 Datasheet HTML 3Page - Texas Instruments UCC28C53_V01 Datasheet HTML 4Page - Texas Instruments UCC28C53_V01 Datasheet HTML 5Page - Texas Instruments UCC28C53_V01 Datasheet HTML 6Page - Texas Instruments UCC28C53_V01 Datasheet HTML 7Page - Texas Instruments UCC28C53_V01 Datasheet HTML 8Page - Texas Instruments UCC28C53_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
6 Pin Configuration and Functions
1
COMP
8
VREF
2
FB
7
VDD
3
CS
6
OUT
4
RT/CT
5
GND
Not to scale
Figure 6-1. D Package 8-Pin SOIC (Top View)
1
COMP
8
VREF
2
FB
7
VDD
3
CS
6
OUT
4
RT/CT
5
GND
Not to scale
Figure 6-2. DGK Package, 8-Pin VSSOP 9 (Top
View)
Table 6-1. Pin Functions
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
COMP
1
O
This pin provides the output of the error amplifier for compensation. In addition, the COMP pin is frequently
used as a control port, by utilizing a secondary-side error amplifier to send an error signal across the
secondary-primary isolation boundary through an opto-isolator. The error amplifier is internally current limited
so the user can command zero duty cycle by externally forcing COMP to GND.
CS
3
I
Primary-side current sense pin. The current sense pin is the noninverting input to the PWM comparator.
Connect to current sensing resistor. This signal is compared to a signal proportional to the error amplifier
output voltage. The PWM uses this to terminate the OUT switch conduction. A voltage ramp can be applied to
this pin to run the device with a voltage mode control configuration.
FB
2
I
This pin is the inverting input to the error amplifier. FB is used to control the power converter voltage-feedback
loop for stability. The noninverting input to the error amplifier is internally trimmed to 2.5 V ± 1%.
GND
5
Ground return pin for the output driver stage and the logic level controller section.
OUT
6
O
The output of the on-chip drive stage. OUT is intended to directly drive a MOSFET. The OUT pin in the
UCCx8C50, UCCx8C52, UCCx8C53, UCC28C56H/L and UCC28C58 is the same frequency as the oscillator,
and can operate near 100% duty cycle. In the UCCx8C51, UCCx8C54, and UCCx8C55, UCC28C57H/L and
UCC28C59, the frequency of OUT is one-half that of the oscillator due to an internal T flipflop. This limits the
maximum duty cycle to < 50%. Peak currents of up to 1 A are sourced and sunk by this pin. OUT is actively
held low when VDD is below the turn-on threshold.
RT/CT
4
I/O
Fixed frequency oscillator set point. Connect timing resistor (RRT) to VREF and timing capacitor (CCT) to GND
from this pin to set the switching frequency. For best performance, keep the timing capacitor lead to the device
GND as short and direct as possible. If possible, use separate ground traces for the timing capacitor and
all other functions. The switching frequency (fSW) of the UCCx8C50, UCCx8C52, UCCx8C53, UCC28C56H/L
and UCC28C58 gate drive is equal to fOSC; the switching frequency of the UCCx8C51, UCCx8C54, and
UCCx8C55, UCC28C57H/L and UCC28C59 is equal to half of the fOSC.
VDD
7
I
Analog controller bias input that provides power to the device. Total VDD current is the sum of the quiescent
VDD current and the average OUT current. A bypass capacitor, typically 0.1 µF, connected directly to GND
with minimal trace length, is required on this pin. Additional capacitance at least 10 times greater than the gate
capacitance of the main switching FET used in the design and at least 10 times greater than the capacitance
on the VREF pin used in the design are also required on VDD.
VREF
8
O
5-V reference voltage. VREF is used to provide charging current to the oscillator timing capacitor through the
timing resistor. It is important for reference stability that VREF is bypassed to GND with a ceramic capacitor
connected as close to the pin as possible. A minimum value of 0.1 µF ceramic is required. Additional VREF
bypassing is required for external loads on VREF. No external voltage higher than specified VREF is allowed
to superimposed to VREF pin since VREF is an ouput.
(1)
I = input, O = output, G = ground
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com