Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 23 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 23 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 19Page - Texas Instruments UCC28C53_V01 Datasheet HTML 20Page - Texas Instruments UCC28C53_V01 Datasheet HTML 21Page - Texas Instruments UCC28C53_V01 Datasheet HTML 22Page - Texas Instruments UCC28C53_V01 Datasheet HTML 23Page - Texas Instruments UCC28C53_V01 Datasheet HTML 24Page - Texas Instruments UCC28C53_V01 Datasheet HTML 25Page - Texas Instruments UCC28C53_V01 Datasheet HTML 26Page - Texas Instruments UCC28C53_V01 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The UCCx8C5x controllers are peak current mode pulse width modulators. These controllers have an onboard
amplifier and can be used in isolated and nonisolated power supply designs. The onboard totem pole gate
driver is capable of delivering 1 A of peak current. This high-speed PWM is capable of operating at switching
frequencies up to 1 MHz. As UCCx8C5x can be used to directly substitute UCCx8C4x by drop-in, the design
steps are the same as those for UCCx8C4x. The same design example, including the layout, of UCCx8c4x is
re-used for UCCx8C5x in the below. Figure 9-1 shows a typical off-line application using UCC38C44.
C53
8
REF
7
VCC
UCC38C44
R6
C13
R16
T1
R12
C5
C12
D50
C52
D51
C3
R10
R11
C18
C1A
F1
BR1
+
RT1
L50
C54
R55
R53
R56
C55
R52
SEC
COMMON
12 V
OUT
R50
C50
C51
R50
IC3
R54
A
R
K
Q1
5 V
OUT
D2
D6
IC2
IC2
1 COMP
2 FB
3 CS
4 RT/CT
6
OUT
5
GND
AC Input
100 V
– 240 V
EMI Filter
Required
AC
AC
Copyright © 2016, Texas Instruments Incorporated
Figure 9-1. Typical Off-Line Application
Figure 9-2 shows a forward converter with synchronous rectification. This application provides 48 V to 3.3 V at
10 A with over 85% efficiency, and uses the UCC38C42as the secondary-side controller and UCC3961 as the
primary-side startup control device.
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com