Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 6Page - Texas Instruments UCC28C53_V01 Datasheet HTML 7Page - Texas Instruments UCC28C53_V01 Datasheet HTML 8Page - Texas Instruments UCC28C53_V01 Datasheet HTML 9Page - Texas Instruments UCC28C53_V01 Datasheet HTML 10Page - Texas Instruments UCC28C53_V01 Datasheet HTML 11Page - Texas Instruments UCC28C53_V01 Datasheet HTML 12Page - Texas Instruments UCC28C53_V01 Datasheet HTML 13Page - Texas Instruments UCC28C53_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
--50
--25
0
25
50
75
100
125
Temperature ( C)
°
4.96
4.97
4.98
4.99
5.01
5.02
5.03
5.04
5.05
5.00
4.95
Figure 7-5. Reference Voltage vs Temperature
2.46
2.55
2.54
2.52
2.51
2.49
2.47
2.45
2.48
2.50
2.53
--50
--25
0
25
50
75
100
125
Temperature ( C)
°
Figure 7-6. Error Amplifier Reference Voltage vs
Temperature
Temperature (
C)
-50
-25
0
25
50
75
100
125
-55
-53
-51
-49
-47
-45
-43
-41
-39
-37
-35
Group 1, VDD = 12 V
Group 2, VDD = 20 V
Group 1: UCCx8C50 to
UCCx8C55
Group 2: UCC28C56H/L,
UCC28C57H/L, and
UCC28C58/9
Figure 7-7. Reference Short-Circuit Current vs
Temperature
--200
200
150
50
0
--50
--150
100
--100
Temperature ( C)
°
--50
--25
0
25
50
75
100
125
Figure 7-8. Error Amplifier Input Bias Current vs
Temperature
6
16
15
13
11
8
7
10
9
12
14
--50
--25
0
25
50
75
100
125
UVLO
ON
UVLO
OFF
Temperature ( C)
°
UCCx8C52 and UCCx8C54
Figure 7-9. Undervoltage Lockout vs Temperature
Temperature ( C)
°
7.0
9.0
8.8
8.4
8.0
7.4
7.2
7.8
7.6
8.2
8.6
--50
--25
0
25
50
75
100
125
UVLO
ON
UVLO
OFF
UCCx8C53 and UCCx8C55
Figure 7-10. Undervoltage Lockout vs Temperature
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com