Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 3Page - Texas Instruments UCC28C53_V01 Datasheet HTML 4Page - Texas Instruments UCC28C53_V01 Datasheet HTML 5Page - Texas Instruments UCC28C53_V01 Datasheet HTML 6Page - Texas Instruments UCC28C53_V01 Datasheet HTML 7Page - Texas Instruments UCC28C53_V01 Datasheet HTML 8Page - Texas Instruments UCC28C53_V01 Datasheet HTML 9Page - Texas Instruments UCC28C53_V01 Datasheet HTML 10Page - Texas Instruments UCC28C53_V01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
VVDD = 20V for UCC28C56H/L, UCC28C57H/L, and UCC28C58/9, VVDD = 15 V for all other device options, RRT = 10 kΩ,
CCT = 3.3 nF, CVDD = 0.1 µF and no load on the outputs, –40°C ≤ TJ ≤ 125°C for the UCC28C5x, 0°C ≤ TJ ≤ 85°C, for the
UCC38C5x (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
PSRR
Power supply rejection ratio(2) (5)
12 V ≤ VVDD ≤ 18 V
60
dB
ICS
Input bias current
–0.1
–2
µA
tD
CS to output delay
35
70
ns
COMP to CS offset
VCS = 0 V
1.15
V
OUTPUT
VOUT(low)
RDS(on) pulldown
ISINK = 200 mA
5.5
15
Ω
VOUT(high) RDS(on) pullup
ISOURCE = 200 mA
10
25
Ω
tRISE
Rise time
TA = 25°C, COUT = 1 nF
25
50
ns
tFALL
Fall time
TA = 25°C, COUT = 1 nF
20
40
ns
UNDERVOLTAGE LOCKOUT
VDDON
Start threshold(6)
UCCx8C52, UCCx8C54
13.5
14.5
15.5
V
UCCx8C53, UCCx8C55
7.8
8.4
9
UCCx8C50, UCCx8C51
6.5
7
7.5
UCC28C56H, UCC28C57H
17.6
18.8
20
UCC28C56L, UCC28C57L
17.6
18.8
20
UCC28C58, UCC28C59
14.8
16
17.2
VDDOFF
Minimum operating voltage(6)
UCCx8C52, UCCx8C54
8
9
10
V
UCCx8C53, UCCx8C55
7
7.6
8.2
UCCx8C50, UCCx8C51
6.1
6.6
7.1
UCC28C56H, UCC28C57H
15
15.5
16
UCC28C56L, UCC28C57L
14
14.5
15
UCC28C58, UCC28C59
12
12.5
13
VDDHyst
VDDON - VDDOFFq
UCCx8C52, UCCx8C54
5.4
5.5
V
UCCx8C53, UCCx8C55
0.8
0.9
UCCx8C50, UCCx8C51
0.4
0.5
UCC28C56H, UCC28C57H
3.1
3.3
UCC28C56L, UCC28C57L
4.1
4.3
UCC28C58, UCC28C59
3.4
3.5
PWM
DMAX
Maximum duty cycle
UCCx8C52, UCCx8C53, UCCx8C50,VFB < 2.4 V
94%
96%
UCC28C56H, UCC28C56L, UCC28C58,VFB < 2.4
V
94%
96%
UCCx8C54, UCCx8C55, UCCx8C51,VFB < 2.4 V
47%
48%
UCC28C57H, UCC28C57L, UCC28C59,VFB < 2.4
V
47%
48%
DMIN
Minimum duty cycle
VFB > 2.6 V
0%
CURRENT SUPPLY
ISTART-UP Start-up current
VVDD = VDDON – 0.5 V
50
75
µA
IVDD
Operating supply current
VFB = VCS = 0 V
1.3
2
mA
(1)
For UCC28C56H/L, UCC28C57H/L and UCC28C58/9 adjust VVDD to a value above the start threshold before setting it to 20 V. For all
other device options, adjust VVDD to a value above the start threshold before setting it to 15.5 V
(2)
Specified by design. Not production tested.
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com