Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 22 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 18Page - Texas Instruments UCC28C53_V01 Datasheet HTML 19Page - Texas Instruments UCC28C53_V01 Datasheet HTML 20Page - Texas Instruments UCC28C53_V01 Datasheet HTML 21Page - Texas Instruments UCC28C53_V01 Datasheet HTML 22Page - Texas Instruments UCC28C53_V01 Datasheet HTML 23Page - Texas Instruments UCC28C53_V01 Datasheet HTML 24Page - Texas Instruments UCC28C53_V01 Datasheet HTML 25Page - Texas Instruments UCC28C53_V01 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
8.4 Device Functional Modes
8.4.1 Normal Operation
During normal operating mode, the controller can be used in peak current mode or voltage mode control.
When the converter is operating in peak current mode, the controller regulates the converter's peak current and
duty cycle. When used in voltage mode control, the controller regulates the power converter's duty cycle. The
regulation of the system's peak current and duty cycle can be achieved with the use of the integrated error
amplifier and external feedback circuitry.
8.4.2 UVLO Mode
During the system start-up, VDD voltage starts to rise from 0 V. Before the VDD voltage reaches its
corresponding turn-on threshold, the IC is operating in UVLO mode. During UVLO mode operation, the VREF
pin voltage is not generated. When VDD is above 1 V and below the turn-on threshold, the VREF pin is actively
pulled low. This behavior allows VREF to be used as a logic signal to indicate UVLO mode. If the bias voltage to
VDD drops below the UVLO-OFF threshold, the PWM switching stops and VREF returns to 0 V. The device can
be restarted by applying a voltage greater than the UVLO-ON threshold to the VDD pin.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com