Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 24 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 24 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 20Page - Texas Instruments UCC28C53_V01 Datasheet HTML 21Page - Texas Instruments UCC28C53_V01 Datasheet HTML 22Page - Texas Instruments UCC28C53_V01 Datasheet HTML 23Page - Texas Instruments UCC28C53_V01 Datasheet HTML 24Page - Texas Instruments UCC28C53_V01 Datasheet HTML 25Page - Texas Instruments UCC28C53_V01 Datasheet HTML 26Page - Texas Instruments UCC28C53_V01 Datasheet HTML 27Page - Texas Instruments UCC28C53_V01 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
R28
100
D3
BAR74
C26
2uF
D5
BAR74
R14
20k 40%
C16
5.6nF
C15
1uF
C14
1uF
C13
0.22uF
C12
3300pF
C11
1500pF
D6
BZX84C15LT1
UCC38C4x
1
COMP
2
FB
3
CS
4
RT/CT
5
GND
6
OUT
7
V
CC
8
REF
U2
C22
4.7nF
C23
680pF
C24
0.1uF
C10
2.7nF
1
2
3
4
T2
Q4
Q3
L1
4.7uH
C21
0.1uF
C20
470uF
C19
470uF
3r3V
PWRGND
D2
C2
1nF
C18
4700pF
C25
0.047uF
VinN
VinP
C9
0.1uF
UCC3961
4
FB
5
R
T
6
REF
7
AGND
8
V
S
9
CS
10
PGND
11
OUT
1
OVS
2
SD
3
SS
12
V
DD
13
S
T
14
UVS
U1
C1
470uF
C3
10nF
C4
0.22uF
C5
0.1uF
C6
470pF
C7
100pF
C8
1uF
C17
4700pF
D1
Q1
Q2
TPS2832
8
BOOT
1
IN
6
BTLO
3
DT
7
HIDR
4 V
CC
2
PGND
5
LODR
U4
T1
R19
20
R22
100
R18
7.5k
R17
20k
R16
21.5k
R15
50k
R23
402
R24
20k
R25
20k
R12
200
R13
300
R27
4.7
R26
4.7
R7
10k
R21
10
R1
32.4k
R2
1.2k
R3
2.4k
R4
1.5k
R5
76.8k
R6
4.7
R8
5.1k
R9
0.33
R10
1k
R11
46.4k
R20
10
Copyright © 2016, Texas Instruments Incorporated
Figure 9-2. Forward Converter with Synchronous Rectification Using the UCC38C42 as the Secondary-
Side Controller
9.2 Typical Application
A typical application for the UCC28C42 controller in an off-line flyback converter is shown in Figure 9-3. The
controller uses an inner current control loop that contains a small current sense resistor which senses the
primary inductor current ramp. This current sense resistor transforms the inductor current waveform to a voltage
signal that is input directly into the primary side PWM comparator. This inner loop determines the response to
input voltage changes. An outer voltage control loop involves comparing a portion of the output voltage to a
reference voltage at the input of an error amplifier. When used in an off-line isolated application, the voltage
feedback of the isolated output is accomplished using a secondary-side error amplifier and adjustable voltage
reference, such as the TL431. The error signal crosses the primary to secondary isolation boundary using an
opto-isolator whose collector is connected to the VREF pin and the emitter is connected to FB. The outer voltage
control loop determines the response to load changes.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com