Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 2Page - Texas Instruments UCC28C53_V01 Datasheet HTML 3Page - Texas Instruments UCC28C53_V01 Datasheet HTML 4Page - Texas Instruments UCC28C53_V01 Datasheet HTML 5Page - Texas Instruments UCC28C53_V01 Datasheet HTML 6Page - Texas Instruments UCC28C53_V01 Datasheet HTML 7Page - Texas Instruments UCC28C53_V01 Datasheet HTML 8Page - Texas Instruments UCC28C53_V01 Datasheet HTML 9Page - Texas Instruments UCC28C53_V01 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
UCC28C5x, UCC38C5x
UNIT
D (SOIC)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
107.7
159.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.7
53
°C/W
RθJB
Junction-to-board thermal resistance
48.3
80.5
°C/W
ψJT
Junction-to-top characterization parameter
11.3
6.2
°C/W
ψJB
Junction-to-board characterization parameter
47.8
79.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
VVDD = 20V for UCC28C56H/L, UCC28C57H/L, and UCC28C58/9, VVDD = 15 V for all other device options, RRT = 10 kΩ,
CCT = 3.3 nF, CVDD = 0.1 µF and no load on the outputs, –40°C ≤ TJ ≤ 125°C for the UCC28C5x, 0°C ≤ TJ ≤ 85°C, for the
UCC38C5x (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
REFERENCE
VVREF
VREF voltage, initial accuracy
TA = 25°C, IOUT = 1 mA
4.95
5
5.05
V
Line regulation
12 V ≤ VVDD ≤ 18 V
0.2
20
mV
Load regulation
1 mA to 20 mA
3
25
mV
Temperature stability(2)
0.2
0.4 mV/°C
Total output variation(2)
4.85
5.15
V
VREF noise voltage(2)
10 Hz to 10 kHz, TA = 25°C
50
µV
Long term stability(2)
1000 hours, TA = 125°C
5
25
mV
IVREF
Output short circuit
–55
–45
–30
mA
OSCILLATOR
fOSC
Initial accuracy(3)
TA = 25°C
50.5
53
55
kHz
Voltage stability
12 V ≤ VVDD ≤ 18 V
0.2%
1%
Temperature stability(2)
TA(MIN) to TA(MAX)
1%
2.5%
Amplitude
RT/CT pin peak-to-peak voltage
1.9
V
Discharge current(4)
TA = 25°C, VRT/CT = 2 V
7.7
8.4
9
mA
VRT/CT = 2 V
7.2
8.4
9.5
ERROR AMPLIFIER
VFB
Feedback input voltage, initial accuracy VCOMP = 2.5 V, TA = 25°C
2.475
2.5
2.525
V
Feedback input voltage, total variation
VCOMP = 2.5 V
2.45
2.5
2.55
V
IFB
Input bias current
VFB = 5 V
–0.1
–2
µA
AVOL
Open-loop voltage gain
2 V ≤ VOUT ≤ 4 V
65
90
dB
Unity gain bandwidth(2)
1
1.5
MHz
PSRR
Power supply rejection ratio
12 V ≤ VVDD ≤ 18 V
60
dB
Output sink current
VFB = 2.7 V, VCOMP = 1.1 V
2
14
mA
Output source current
VFB = 2.3 V, VCOMP = 5 V
–0.5
–1
mA
VOH
High-level COMP voltage
VFB = 2.7 V, RCOMP = 15 kΩ COMP to GND
VREF
0.2
V
VOL
Low-level COMP voltage
VFB = 2.7 V, RCOMP = 15 kΩ COMP to VREF
0.1
1.1
V
CURRENT SENSE
ACS
Gain(5) (1)
2.85
3
3.15
V/V
VCS
Maximum input signal
VFB < 2.4 V
0.9
1
1.1
V
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com