Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 35 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 35 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 31Page - Texas Instruments UCC28C53_V01 Datasheet HTML 32Page - Texas Instruments UCC28C53_V01 Datasheet HTML 33Page - Texas Instruments UCC28C53_V01 Datasheet HTML 34Page - Texas Instruments UCC28C53_V01 Datasheet HTML 35Page - Texas Instruments UCC28C53_V01 Datasheet HTML 36Page - Texas Instruments UCC28C53_V01 Datasheet HTML 37Page - Texas Instruments UCC28C53_V01 Datasheet HTML 38Page - Texas Instruments UCC28C53_V01 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
GTL431 :s; =
lRCOMPz +
1
s(f) × CZCOMPz p
×
1
RFBU
(47)
A compensation pole is required at the frequency of right half plane zero or the ESR zero, whichever is lowest.
Based previous the analysis, the right half plane zero (fRHPz) is located at 7.07 kHz and the ESR zero (fESRz)
is at 1.68 kHz; therefore, for this design, the compensation pole must be put at 1.68 kHz. The opto-coupler
contains a parasitic pole that is difficult to characterize over frequency so the opto-coupler is set up with a
pull-down resistor (ROPTO) equal to 1 kΩ, which moves the parasitic opto-coupler pole further out and beyond the
range of interest for this design.
The required compensation pole can be added to the primary side error amplifier using RCOMPp and CCOMPp.
Choosing RCOMPp as 10 kΩ, the required value of CCOMPp is determined using Equation 48.
CCOMPp =
1
2 × N × fESRz × RCOMPp
= 9.46 nF
(48)
A 10-nF capacitor is used for CCOMPp setting the compensation pole at 1.59 kHz.
Adding a DC gain to the primary-side error amplifier may be required to obtain the required bandwidth and
helps to adjust the loop gain as needed. Using 4.99 kΩ for RFBG sets the DC gain on the error amplifier to 2.
At this point the gain transfer function of the error amplifier stage (GEA(s)) of the compensation loop can be
characterized using Equation 49.
GEA
:s; = lRCOMPp
RFBG p
×
F
1
1 + s
:f;×C
COMPp × RCOMPp G
(49)
Using an opto-coupler whose current transfer ratio (CTR) is typically at 100% in the frequency range of interest
so that CTR = 1, the transfer function of the opto-coupler stage (GOPTO(s)) is found using Equation 50.
GOPTO (s) =
CTR × ROPTO
RLED
(50)
The bias resistor (RLED) to the internal diode of the opto-coupler and the pull-down resistor on the opto emitter
(ROPTO) sets the gain across the isolation boundary. ROPTO has already been set to 1 kΩ but the value of RLED
has not yet been determined.
The total closed loop gain (GTOTAL(s)) is the combination of the open-loop power stage (Ho(s)), the opto gain
(GOPTO(s)), the error amplifier gain (GEA(s)), and the gain of the TL431 stage (GTL431(s)), as shown in Equation
51.
G
TOTAL :s; =
H
OPEN :s;
× G
OPTO :s;
× G
EA :s;
× G
TL431 :s;
(51)
The required value for RLED can be selected to achieve the desired crossover frequency (fBW). By setting the
total loop gain equal to 1 at the desired crossover frequency and rearranging Equation 51, the optimal value for
RLED can be determined, as shown in Equation 52.
R
LED Q
H
OPEN :s;
× CTR × C
OPTO
× G
EA :s;
× G
TL431 :s;
(52)
A 1.3-kΩ resistor suits the requirement for RLED.
Based on the compensation loop structure, the entire compensation loop transfer function is written as Equation
53.
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com