Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 38 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 38 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 34Page - Texas Instruments UCC28C53_V01 Datasheet HTML 35Page - Texas Instruments UCC28C53_V01 Datasheet HTML 36Page - Texas Instruments UCC28C53_V01 Datasheet HTML 37Page - Texas Instruments UCC28C53_V01 Datasheet HTML 38Page - Texas Instruments UCC28C53_V01 Datasheet HTML 39Page - Texas Instruments UCC28C53_V01 Datasheet HTML 40Page - Texas Instruments UCC28C53_V01 Datasheet HTML 41Page - Texas Instruments UCC28C53_V01 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
11 Layout
11.1 Layout Guidelines
11.1.1 Precautions
Careful layout of the printed board is a necessity for high-frequency power supplies. As the device-switching
speeds and operating frequencies increase, the layout of the converter becomes increasingly important.
This 8-pin device has only a single ground for the logic and power connections. This forces the gate-drive
current pulses to flow through the same ground that the control circuit uses for reference. Thus, the interconnect
inductance must be minimized as much as possible. One implication is to place the device (gate driver) circuitry
close to the MOSFET it is driving. This can conflict with the need for the error amplifier and the feedback path to
be away from the noise generating components.
The single most critical item in a PWM controlled printed-circuit board layout is the placement of the timing
capacitor. While both the supply and reference bypass capacitor locations are important, the timing capacitor
placement is far more critical. Any noise spikes on the CCT waveform due to lengthy printed circuit trace
inductance or pick-up noise from being in proximity to high power switching noise causes a variety of operational
problems. Dilemmas vary from incorrect operating frequency caused by pre-triggering the oscillator due to noise
spikes to frequency jumping with varying duty cycles, also caused by noise spikes. The placement of the timing
capacitor must be treated as the most important layout consideration. Keep PC traces as short as possible to
minimize added series inductance.
11.1.2 Feedback Traces
Try to run the feedback trace as far from the inductor and noisy power traces as possible. You would also like
the feedback trace to be as direct as possible and somewhat thick. These two sometimes involve a trade-off, but
keeping it away from EMI and other noise sources is the more critical of the two. If possible, run the feedback
trace on the side of the PCB opposite of the inductor with a ground plane separating the two.
11.1.3 Bypass Capacitors
When using a low value ceramic bypass capacitor, it must be placed as close to the VDD pin of the device
as possible. This eliminates as much trace inductance effects as possible and give the internal device rail a
cleaner voltage supply. Using surface mount capacitors also reduces lead length and lessens the chance of
noise coupling into the effective antenna created by through-hole components.
11.1.4 Compensation Components
For best stability, external compensation components must be placed close to the IC. Keep FB lead length as
short as possible and FB stray capacitance as small as possible. TI recommends surface mount components
here as well for the same reasons discussed for the filter capacitors. These must not be placed very close to
traces with high switching noise.
11.1.5 Traces and Ground Planes
Make all of the power (high current) traces as short, direct, and thick as possible. It is good practice on a
standard PCB board to make the traces an absolute minimum of 15 mils (0.381 mm) per ampere. The inductor,
output capacitors, and output diode must be as close to each other possible. This helps reduce the EMI radiated
by the power traces due to the high switching currents through them. This also reduces lead inductance and
resistance as well, which in turn reduces noise spikes, ringing, and resistive losses that produce voltage errors.
The grounds of the IC, input capacitors, output capacitors, and output diode, if applicable, must be connected
close together directly to a ground plane. It would also be a good idea to have a ground plane on both sides
of the PCB. This reduces noise as well by reducing ground loop errors as well as by absorbing more of the
EMI radiated by the inductor. For multi-layer boards with more than two layers, a ground plane can be used
to separate the power plane, where the power traces and components are, and the signal plane, where the
feedback and compensation and components are, for improved performance. On multi-layer boards the use of
vias is required to connect traces and different planes. It is good practice to use one standard via per 200 mA of
current if the trace conducts a significant amount of current from one plane to the other.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
38
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com