Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 37 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 37 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 33Page - Texas Instruments UCC28C53_V01 Datasheet HTML 34Page - Texas Instruments UCC28C53_V01 Datasheet HTML 35Page - Texas Instruments UCC28C53_V01 Datasheet HTML 36Page - Texas Instruments UCC28C53_V01 Datasheet HTML 37Page - Texas Instruments UCC28C53_V01 Datasheet HTML 38Page - Texas Instruments UCC28C53_V01 Datasheet HTML 39Page - Texas Instruments UCC28C53_V01 Datasheet HTML 40Page - Texas Instruments UCC28C53_V01 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
CH1: Output Voltage AC Coupled, 200 mV/div
CH4: Output Current, 1 A/div
Figure 9-10. Output Voltage During 0.9-A to 2.7-A
Load Transient
Figure 9-11. Output Voltage Ripple at Full Load
(100 mV/div)
Figure 9-12. Output Voltage Behavior at Full Load Start-up (5 V/div)
10 Power Supply Recommendations
The absolute maximum supply voltage is 30 V of UCC28C52 , including any transients that may be present. If
this voltage is exceeded, device damage is likely.
Because no clamp is included in the device, the supply pin must be protected from external sources which could
exceed the 30-V level.
To prevent false triggering due to leading edge noises, an RC current sense filter may be required on CS. Keep
the time constant of the RC filter well below the minimum on-time pulse width.
To prevent noise problems with high-speed switching transients, bypass VREF to ground with a ceramic
capacitor close to the IC package. A minimum of 0.1-µF ceramic capacitor is required. Additional VREF
bypassing is required for external loads on the reference. An electrolytic capacitor may also be used in addition
to the ceramic capacitor.
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com