Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 33 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 33 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 29Page - Texas Instruments UCC28C53_V01 Datasheet HTML 30Page - Texas Instruments UCC28C53_V01 Datasheet HTML 31Page - Texas Instruments UCC28C53_V01 Datasheet HTML 32Page - Texas Instruments UCC28C53_V01 Datasheet HTML 33Page - Texas Instruments UCC28C53_V01 Datasheet HTML 34Page - Texas Instruments UCC28C53_V01 Datasheet HTML 35Page - Texas Instruments UCC28C53_V01 Datasheet HTML 36Page - Texas Instruments UCC28C53_V01 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
select a value to approximate a high-frequency short circuit, such as 10 nF, as a starting point and make
adjustments if required. The RRAMP and RCSF resistors form a voltage divider from the oscillator charge slope
and this proportional ramp is injected into the CS pin to add slope compensation. Choose the value of RRAMP to
be much larger than the RRT resistor so that it does not load down the internal oscillator and result in a frequency
shift. The oscillator charge slope is calculated using the peak-to-peak voltage of the RT/CT sawtooth waveform
(VOSCpp) equal to 1.9 V, and the minimum ON time, as shown in Equation 37.
t
ONmin
=
D
f
SW
(36)
SOSC =
VOSCpp
tONmin
=
1.9 V
5.7 Js
= 333
mV
J
s
(37)
To achieve a 44.74-mV/µs compensation slope, RCSF is calculated with Equation 38. In this design, RRAMP is
selected as 24.9 kΩ, a 3.8-kΩ resistor was selected for RCSF.
R
CSF =
R
RAMP
S
OSC
S
e
F 1
(38)
9.2.2.10.3 Open-Loop Gain
Once the power stage poles and zeros are calculated and the slope compensation is determined, the power
stage open-loop gain and phase of the CCM flyback converter can be plotted as a function of frequency. The
power stage transfer function can be characterized with Equation 39.
HOPEN :s; = G0 ×
l1 +
s:f;
X
ESRz p
×
l1 F
s:f;
X
RHPz p
1 +
s:f;
X
P1
×
1
1 +
s:f;
X
P2 × QP
+
s:f;2
:XP2 ;2
(39)
The bode for the open-loop gain and phase can be plotted by using Equation 40.
GainOPEN :s; = 20 × log: HOPEN :s; ;
(40)
See Figure 9-4 and Figure 9-5.
frequency (Hz)
1
10
100
1000
10000
100000
-25
-20
-15
-10
-5
0
5
10
D001
Figure 9-4. Converter Open-Loop Bode Plot - Gain
frequency (Hz)
1
10
100
1000
10000
100000
-180
-135
-90
-45
0
D002
Figure 9-5. Converter Open-Loop Bode Plot -
Phase
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com